Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP201 Datasheet(PDF) 6 Page - E+E Elektronik Ges.m.b.H

Part # HTP201
Description  Humidity and Temperature Probe with Analogue Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP201 Datasheet(HTML) 6 Page - E+E Elektronik Ges.m.b.H

  HTP201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Datasheet HTP201
v1.1 / Modification rights reserved | 6
Technical Data
Power supply class III
USA & Canada: Class 2 supply necessary,
max. voltage 30 V DC
Output 0 - 1 V
Output 0 - 5 V
Output 0 - 10 V
Output 4 - 20 mA
3.6 - 30 V DC
10 - 30 V DC
15 - 30 V DC
9 V + RL * 20 mA < V+ < 28 V DC
RL= load resistance
Current consumption, typ.
Voltage versions
Current versions
1.5 mA
According to output current
Electrical connection
Plug versions
Cable versions
Plug M12x1, 4 poles
Cable 1.5 m (4.9 ft) / 3 m (9.8 ft) / 5 m (16.4 ft), PVC
Ø4.3 mm, 4 x 0.25 mm2 for RH + T with voltage output
Ø4.3 mm, 3 x 0.25 mm2 for RH + T with current output
Ø4.8 mm, 6 x 0.14 mm2 for RH + T passive with current output
Storage conditions
-40...+80 °C (-40...+176 °F)
0...95 %RH, non-condensing
Material
Enclosure
Probe cable (cable versions)
Polycarbonate (PC) or stainless steel 1.4404
Polyvinyl chloride (PVC)
Protection rating
IP65
Electromagnetic compatibility1)
EN 61326-1
EN 61326-2-3
Industrial environment
FCC Part15 Class B
ICES-003 Class B
Shock and vibration
Tested according to EN 60068-2-64 and EN 60068-2-27
Conformity
1) Analogue output 0 - 1 V is not protected against surge.
General



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com