Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP501 Datasheet(PDF) 5 Page - E+E Elektronik Ges.m.b.H

Part # HTP501
Description  Digital Humidity and Temperature Probe up to 120 °C (248 °F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP501 Datasheet(HTML) 5 Page - E+E Elektronik Ges.m.b.H

  HTP501 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Datasheet HTP501
v1.2 / Modification rights reserved | 5
Technical Data
Measurands
Relative humidity (RH)
Measuring range
0...100 %RH
Accuracy1)
-15...+40 °C (5…104 °F)
-15...+40 °C (5…104 °F)
-25...+70 °C (-13…+158 °F)
-40...120 °C (-40…+248 °F)
(RH ≤ 90 %)
±(1.3 + 0.003*mv) %RH
(RH > 90 %)
±2.3 RH
±(1.4 + 0.01*mv) %RH
±(1.5 + 0.015*mv) %RH
mv = measured value
Response time t90
@ 20 °C (68 °F)
<15 s
1) Including hysteresis, non-linearity and repeatability
Traceable to international standards, administrated by NIST, PTB, BEV...
The accuracy statement includes the uncertainty of the factory calibration with an enhancement factor k=2 (2-times standard deviation).
The accuracy was calculated in accordance with EA-4/02 and with regard to GUM (Guide to the Expression of Uncertainty in Measurement).
Temperature (T)
Measuring range
-40...+120 °C (- 40...+248 °F)
Accuracy1)
-40 -20
0
20 40 60 80 100 120 140 160 180
0
0.1
0.2
0.3
0.4
0.5
0.6
∆
T [°C]
T [°C]
40 20
0
40
20
80
60
120
100
0.15
0.45
0.1
0.2
0.3
0.4
0.5
0
∆T [°C]
T [°C]
± ∆T [°C]
T [°C]
± ∆T [°C]
T [°C]
1) Traceable to international standards, administrated by NIST, PTB, BEV...
The accuracy statement includes the uncertainty of the factory calibration with an enhancement factor k=2 (2-times standard deviation).
The accuracy was calculated in accordance with EA-4/02 and with regard to GUM (Guide to the Expression of Uncertainty in Measurement).
Values in mm (inch)
Dimensions
code “cable length”
code “probe length”
32
(1.3)
15
(0.6)
45 (1.8)
16
(0.6)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com