Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP501 Datasheet(PDF) 7 Page - E+E Elektronik Ges.m.b.H

Part # HTP501
Description  Digital Humidity and Temperature Probe up to 120 °C (248 °F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP501 Datasheet(HTML) 7 Page - E+E Elektronik Ges.m.b.H

  HTP501 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Datasheet HTP501
v1.2 / Modification rights reserved | 7
Order Example
HTP501-T4F4K2L200C1
Features
Code
Description
Type
T4
RH + T Probe up to 120 °C
Filter
F4
Stainless steel sintered
Cable length
K2
2 m (6.6 ft)
Probe length
L200
200 mm (7.9")
Sensing element protection
C1
E+E proprietary coating
Accessories
For further information see datasheet Accessories.
Accessories
Code
Modbus configuration adapter
HA011018
E+E Product Configuration Software
(Free download: www.epluse.com/pcs10)
PCS10
M12 cable connector for self assembly, 4 pole
HA010707
Stainless steel mounting flange
HA010201
Stainless steel wall mounting clip
HA010225
T-coupler M12 - M12
HA030204
Protection cap M12 socket connector
HA010781
Protection cap M12 plug connector
HA010782
Protection cap for Ø12 mm probe
HA010783
Drip water protection
HA010503



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com