Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP501 Datasheet(PDF) 6 Page - E+E Elektronik Ges.m.b.H

Part # HTP501
Description  Digital Humidity and Temperature Probe up to 120 °C (248 °F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP501 Datasheet(HTML) 6 Page - E+E Elektronik Ges.m.b.H

  HTP501 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Datasheet HTP501
v1.2 / Modification rights reserved | 6
Power supply class III
USA & Canada: Class 2 supply necessary,
max. voltage 30 V DC
8 - 35 V DC
Power consumption, typ.
40 mW (without termination resistor)
Electrical connection
M12x1, 4 poles
Temperature working range
Probe
Cable
M12 connector
-40...+120 °C (-40...+248 °F)
-40...+120 °C (-40...+248 °F)
-25...+90 °C (-13...+194 °F)
Storage conditions
-40...+80 °C (-40...+176 °F), 0...95 %RH non-condensing
Probe material
Stainless steel 1.4404
Cable jacket
Please mind the mounting and installing
instructions included in the user manual.
HFS 125XL, black, oil and fuel resistant
Protection rating
IP66
Elektromagnetic compability
EN 61326-1
EN 61326-2-3
Industrial Environment
FCC Part15 Class A
ICES-003 Class A
Shock and vibration
Tested acc. to EN 60068-2-64 and EN 60068-2-27
Conformity
Configuration and adjustment
PCS10 Product Configuration Software (free download from www.epluse.com/pcs10) and
configuration adapter
General
Feature
Description
Code
HTP501-
Type
RH + T probe up to 120 °C (248 °F)
T4
Filter
Metal grid, polycarbonate body
F3
Stainless steel sintered
F4
F4
PTFE (Polytetrafluoroethylene)
F5
Probe cable length
2 m (6.6 ft)
K2
5 m (16.4 ft)
K5
10 m (32.8 ft)
K10
Probe length
200 mm (7.9")
L200
400 mm (15.7")
L400
Sensing element protection
E+E proprietary coating
C1
E+E proprietary coating and sensor leads protection
C3
Ordering Guide
Output
Digital
Digital interface
RS485 (HTP501 = 1 unit load)
Protocol
Default settings
Supported baud rates
Data types for measured values
Modbus RTU
Baud rate 9 600, parity even, 1 stop bit, Modbus address 69
9 600, 19 200, 38 400, 57 600, 76 800 and 115 200
FLOAT32 and INT16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com