Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA692 Datasheet(PDF) 21 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 21 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 17Page - Burr-Brown (TI) OPA692 Datasheet HTML 18Page - Burr-Brown (TI) OPA692 Datasheet HTML 19Page - Burr-Brown (TI) OPA692 Datasheet HTML 20Page - Burr-Brown (TI) OPA692 Datasheet HTML 21Page - Burr-Brown (TI) OPA692 Datasheet HTML 22Page - Burr-Brown (TI) OPA692 Datasheet HTML 23Page - Burr-Brown (TI) OPA692 Datasheet HTML 24Page - Burr-Brown (TI) OPA692 Datasheet HTML 25Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
OPERATING SUGGESTIONS
GAIN SETTING
OUTPUT CURRENT AND VOLTAGE
DRIVING CAPACITIVE LOADS
OPA3693
SBOS353 – DECEMBER 2006
show the zero-voltage output current limit and the
zero-current output voltage limit, respectively. The
four quadrants give a more detailed view of the
OPA3693 output drive capabilities, noting that the
graph is bounded by a Safe Operating Area of 1W
A printed circuit board (PCB) is available to assist in
maximum internal power dissipation. Superimposing
the initial evaluation of circuit performance using the
resistor load lines onto the plot shows that the
OPA3693. The fixture is offered free of charge as an
OPA3693 can drive
±3.4V into 20Ω or ±3.7V into
unpopulated PCB, delivered with a user's guide. The
50
Ω without exceeding either the output capabilities
summary information for this fixture is shown in
or the 1W dissipation limit. A 100
Ω load line (the
Table 2.
standard test-circuit load) shows full
±3.8V output
swing
capability,
as
shown
in
the
Typical
Table 2. Demonstration Fixture
Characteristics.
ORDERING
LITERATURE
PRODUCT
PACKAGE
NUMBER
NUMBER
The minimum specified output voltage and current
OPA3693IDBQ,
specifications
over
temperature
are
set
by
SSOP-16
DEM-OPA-SSOP-3C
SBOU047
Noninverting
worst-case simulations at the cold temperature
OPA3693IDBQ,
SSOP-16
DEM-OPA-SSOP-3D
SBOU046
extreme. Only at cold startup will the output current
Inverting
and voltage decrease to the numbers shown in the
over-temperature min/max specifications. As the
The demonstration fixture can be requested at the
output
transistors
deliver
power,
their
junction
Texas Instruments web site (www.ti.com) through the
temperatures increase, which decreases their VBEs
OPA3693 product folder.
(increasing the available output voltage swing) and
increases
their
current
gains
(increasing
the
available output current). In steady-state operation,
the available output voltage and current is always
greater than that shown in the over-temperature
characteristics
since
the
output
stage
junction
Setting the gain for the OPA3693 is very easy. For a
temperatures are higher than the minimum specified
gain of +2, ground the –IN pin and drive the +IN pin
operating ambient.
with the signal. For a gain of +1, either leave the –IN
pin open and drive the +IN pin or drive both the +IN
To maintain maximum output stage linearity, no
and –IN pins (see Figure 47). For a gain of –1,
output
short-circuit
protection
is
provided.
This
ground the +IN pin and drive the –IN pin with the
configuration is not normally a problem, since most
input signal. An external resistor may be used in
applications include a series matching resistor at the
series with the –IN pin to reduce the gain. However,
output that limits the internal power dissipation if the
because the internal resistors (RF and RG) have a
output side of this resistor is shorted to ground.
tolerance and temperature drift different than the
However, shorting the output pin directly to an
external resistor, the absolute gain accuracy and
adjacent positive power-supply pin, in most cases,
gain drift over temperature are relatively poor
destroys the amplifier. If additional protection to a
compared to the previously described standard gain
power-supply short is required, consider a small
connections using no external resistor.
series resistor in the power-supply leads. Under
heavy output loads, this reduces the available output
voltage swing. A 5
Ω series resistor in each supply
lead limits the internal power dissipation to < 1W for
The OPA3693 provides output voltage and current
an output short while decreasing the available output
capabilities that can easily support multiple video
voltage swing only 0.5V, for up to 100mA desired
loads and/or 100
Ω loads with very low distortion.
load currents. Always place the 0.1
µF power-supply
Under no-load conditions at +25
°C, the output
decoupling capacitors after these supply-current
voltage typically swings to 1V of either supply rail;
limiting resistors directly on the device supply pins.
the tested swing limit is within 1.2V of either rail. Into
a 15
Ω load (the minimum tested load), it is tested to
deliver more than
±90mA.
One of the most demanding, and yet very common,
The specifications described above, though familiar
load conditions for an op amp is capacitive loading.
in the industry, consider voltage and current limits
Often, the capacitive load is the input of an
separately. In many applications, it is the voltage
×
analog-to-digital
converter
(ADC),
including
current, or V-I product, which is more relevant to
additional
external
capacitance,
which
may
be
circuit operation. Refer to the Output Voltage and
recommended
to
improve
ADC
linearity.
A
Current Limitations plot (Figure 21) in the Typical
high-speed, high open-loop gain amplifier like the
Characteristics. The X- and Y-axes of this graph
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com