Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA692 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 2Page - Burr-Brown (TI) OPA692 Datasheet HTML 3Page - Burr-Brown (TI) OPA692 Datasheet HTML 4Page - Burr-Brown (TI) OPA692 Datasheet HTML 5Page - Burr-Brown (TI) OPA692 Datasheet HTML 6Page - Burr-Brown (TI) OPA692 Datasheet HTML 7Page - Burr-Brown (TI) OPA692 Datasheet HTML 8Page - Burr-Brown (TI) OPA692 Datasheet HTML 9Page - Burr-Brown (TI) OPA692 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
www.ti.com
OPA3693
SBOS353 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS: V
S = +5V (continued)
Boldface limits are tested at +25
°C.
At G = +2 (–IN grounded) and R
L = 100Ω to VS/2, unless otherwise noted.
OPA3693IDBQ
TYP
MIN/MAX OVER TEMPERATURE
TEST
0
°C to
–40
°C to
MIN/
LEVEL
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3) +85°C(3)
UNITS
MAX
(1)
INPUT
Least Positive Input Voltage
1.6
1.7
1.8
1.8
V
max
B
Most Positive Input Voltage
3.4
3.3
3.2
3.2
V
min
B
Noninverting Input Impedance
300 || 1.2
k
Ω || pF
typ
C
OUTPUT
Most Positive Output Voltage
No Load
4.2
4.0
V
min
A
RL = 100Ω Load to VS/2
4.0
3.9
V
min
A
Least Positive Output Voltage
No Load
0.8
1.0
V
max
A
RL = 100Ω Load to VS/2
1.0
1.1
V
max
A
Current Output Sourcing, Sinking
VO = VS/2
±100
±85
±80
±70
mA
min
A
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.18
Ω
typ
C
DISABLE (Disabled LOW)
Power-Down Supply Current (+VS)
VDIS = 0, All Channels
–400
–550
-600
-625
µA
typ
C
Disable Time
1
µs
typ
C
Enable Time
25
ns
typ
C
Off Isolation
G = +2, 10MHz
70
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn-On Glitch
G = +2, VIN = VS/2
±100
mV
typ
C
Turn-Off Glitch
G = +2, VIN = VS/2
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
B
Disable Voltage
1.8
1.7
1.6
1.5
V
max
B
Control Pin Input Bias Current (DIS)
VDIS = 0, Each Channel
75
130
143
149
µA
typ
C
POWER SUPPLY
Specified Single-Supply Operating Voltage
5
V
typ
C
Minimum Operating Voltage
+3.5
+3.6
+3.8
V
min
B
Maximum Single-Supply Operating Voltage
+12
+12
+12
V
max
A
Maximum Quiescent Current
VS = +5V
34.5
36.5
38
39.2
mA
max
A
Minimum Quiescent Current
VS = +5V
34.5
32
28.1
27.2
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input-Referred
53
dB
typ
C
TEMPERATURE RANGE
Specification: IDBQ
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
DBQ
SSOP-16
80
°C/W
typ
C
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com