Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA692 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA692 Datasheet HTML 1Page - Burr-Brown (TI) OPA692 Datasheet HTML 2Page - Burr-Brown (TI) OPA692 Datasheet HTML 3Page - Burr-Brown (TI) OPA692 Datasheet HTML 4Page - Burr-Brown (TI) OPA692 Datasheet HTML 5Page - Burr-Brown (TI) OPA692 Datasheet HTML 6Page - Burr-Brown (TI) OPA692 Datasheet HTML 7Page - Burr-Brown (TI) OPA692 Datasheet HTML 8Page - Burr-Brown (TI) OPA692 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = ±5V
OPA3693
SBOS353 – DECEMBER 2006
Boldface limits are tested at +25
°C.
At G = +2 (–IN grounded) and R
L = 100Ω, unless otherwise noted.
OPA3693IDBQ
TYP
MIN/MAX OVER TEMPERATURE
TEST
0
°C to
–40
°C to
MIN/
LEVEL
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3) +85°C(3)
UNITS
MAX
(1)
AC PERFORMANCE
Small-Signal Bandwidth (VO = 1.0VPP)
G = +1
800
MHz
typ
C
G = +2
650
500
480
470
MHz
min
B
G = –1
650
500
480
470
MHz
min
B
Bandwidth for 0.2dB Gain Flatness
VO = 1.0VPP
320
120
110
105
MHz
min
B
Peaking at a Gain of +1
VO = 1.0VPP
3
4.3
5.3
5.7
dB
max
B
Large-Signal Bandwidth
VO = 4VPP
380
MHz
typ
C
Slew Rate
VO = 4V Step
2500
2200
2100
2000
V/
µs
min
B
Rise-and-Fall Time
VO = 0.5V Step
0.6
0.8
0.8
0.9
ns
max
B
VO = 5V Step
1.2
1.3
1.3
1.4
ns
max
B
Settling Time to 0.02%
VO = 2V Step
16
ns
typ
C
Settling Time to 0.1%
VO = 2V Step
12
ns
typ
C
Harmonic Distortion
f = 10MHz, VO = 2VPP
2nd-Harmonic
RL = 100Ω
–75
–66
–65
–64
dBc
max
B
RL ≥ 500Ω
–80
–78
–77
–76
dBc
max
B
3rd-Harmonic
RL = 100Ω
–78
–75
–65
–64
dBc
max
B
RL ≥ 500Ω
–84
–80
–79
–76
dBc
max
B
Input Voltage Noise
f > 1MHz
1.8
2
2.7
2.9
nV/
√Hz
max
B
Noninverting Input Current Noise
f > 1MHz
18
19
21
22
pA/
√Hz
max
B
Inverting Input Current Noise (internal)
f > 1MHz
22
24
26
27
pA/
√Hz
max
B
Differential Gain
NTSC, RL = 150Ω
0.03
%
typ
C
NTSC, RL = 37.5Ω
0.03
%
typ
C
Differential Phase
NTSC, RL = 150Ω
0.01
deg
typ
C
NTSC, RL = 37.5Ω
0.1
deg
typ
C
Crosstalk (2 channels driven)
f = 10MHz
–65
dBc
typ
C
DC PERFORMANCE(4)
Gain Error
G = +1
±0.7
%
typ
C
G = +2
±0.6
±1.0
1.1
1.2
%
max
A
G = –1, Rs = 0Ω
±0.5
±0.9
1.0
1.1
%
max
B
Internal RF and RG
Maximum
300
341
345
347
Ω
max
A
Minimum
300
264
260
258
Ω
min
A
Input Offset Voltage
VCM = 0V
±0.6
±3.5
±3.7
±4.0
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±8
±8
µV/°C
max
B
Noninverting Input Bias Current
VCM = 0V
+15
±35
±43
±45
µA
max
A
Average Noninverting Input Bias Current Drift
VCM = 0V
170
170
nA/
°C
max
B
Inverting Input Bias Current (internal)
VCM = 0V
±20
±50
±52
±54
µA
max
A
Average Inverting Input Bias Current Drift
VCM = 0V
50
60
nA/
°C
max
B
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25
°C specifications.
(3)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +27
°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out of pin.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com