Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5041HZ Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCD5041HZ
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5041HZ Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCD5041HZ Datasheet HTML 12Page - NXP Semiconductors PCD5041HZ Datasheet HTML 13Page - NXP Semiconductors PCD5041HZ Datasheet HTML 14Page - NXP Semiconductors PCD5041HZ Datasheet HTML 15Page - NXP Semiconductors PCD5041HZ Datasheet HTML 16Page - NXP Semiconductors PCD5041HZ Datasheet HTML 17Page - NXP Semiconductors PCD5041HZ Datasheet HTML 18Page - NXP Semiconductors PCD5041HZ Datasheet HTML 19Page - NXP Semiconductors PCD5041HZ Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1996 Oct 31
16
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5041
6.6
Microcontroller Interface
6.6.1
FUNCTION OF THE MICROCONTROLLER INTERFACE
The microcontroller interface will provide the following
services.
• Direct interface to processors which have an
INTEL-8051 compatible interface
• General interface to processors that can handle ‘wait
states’ e.g. 68000-family; in this case glue logic is
required
• Processor clock signal of which the frequency is
programmable in order to adjust instantaneously
processor performance to processor work load
• A programmable interrupt register
• A watchdog timer with time-out periods of
1.25 or 82 seconds, depending on the programming.
The microcontroller can address the PCD5041 as any
other RAM memory connected to the microcontroller bus.
By writing the ‘Interface-Mode Register’, the
microcontroller can select the interface mode and its own
clock frequency.
6.6.2
MICROCONTROLLER INTERRUPTS
The function of microcontroller Interrupts is to make
optimal use of the microcontroller’s processing power, and
to achieve optimal cooperation between time-critical tasks
and less time-critical tasks both executed in software.
Three registers are available to handle interrupts. These
are:
• Interrupt Event Register
• Interrupt Enable Register
• Interrupt Reset Register.
These registers are to be regarded together.
Corresponding bits in these registers relate to one and the
same event. Bits in the Interrupt Event Register are set by
the PCC and are to be reset by the external processor by
writing ‘1’s in the corresponding bits in the Interrupt Reset
Register. The mask in the Interrupt Enable Register
enables the interrupt if corresponding events do occur.
6.6.3
WATCHDOG
The PCD5041 is equipped with a watchdog timer, which
generates a reset towards an external device (e.g. a
microcontroller) after time-out. Two (fixed) time-out
periods can be programmed; 1.25 s and 82 s.
The watchdog function can be disabled by using the
EN_WATCHDOG input pin.
6.6.4
POWER-DOWN
The PCC may switch off the 6.912 MHz internal clock, to
enter a power saving mode. All blocks, running on this
clock are then switched off (i.e. RF-interface, cipher block,
speech interface, PCC). This is called the power-down
state, and is only used in the handset mode.
The 13.824 MHz clock is never switched off. The Timing
Control, microcontroller interface, and Bus Controller keep
running, in order to remain synchronous with a base
station, and to keep the wake-up circuitry active. During
power-down the external microcontroller has still access to
the common data area.
6.7
Survey of registers
For a survey of all addresses occupied refer to
Tables 1 and 2. Some of the address locations are used
differently for read and write. The addresses 000 to 7DF
are occupied by RAM memory, while the upper 32 bytes
are assigned to the hardware registers. A part of the RAM
memory is allocated for use by the RF block, cipher block,
and the speech interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com