Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3080PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 3 Page - International Rectifier

  IR3080PBF Datasheet HTML 1Page - International Rectifier IR3080PBF Datasheet HTML 2Page - International Rectifier IR3080PBF Datasheet HTML 3Page - International Rectifier IR3080PBF Datasheet HTML 4Page - International Rectifier IR3080PBF Datasheet HTML 5Page - International Rectifier IR3080PBF Datasheet HTML 6Page - International Rectifier IR3080PBF Datasheet HTML 7Page - International Rectifier IR3080PBF Datasheet HTML 8Page - International Rectifier IR3080PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
IR3080
PbF
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over: 9.5V ≤ VCC ≤ 14V, 2.0V ≤ VIDPWR ≤ 5.5V and 0
oC ≤
TJ ≤ 100
oC
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDAC Reference
System Set-Point Accuracy
-0.3V ≤ VOSNS- ≤ 0.3V, Connect FB to
EAOUT, Measure V(EAOUT) –
V(VOSNS-) deviation from Table 1.
Applies to all VID codes.
0.5
%
Source Current
RROSC = 41.9kΩ
68
80
92
µA
Sink Current
RROSC = 41.9kΩ
47
55
63
µA
VID Input Threshold
500
600
700
mV
VID Pull-up Resistors
500
700
1000
Ω
Regulation Detect Comparator
Input Offset
-5
0
5
mV
Regulation Detect to EAOUT
Delay
130
200
ns
BBFB to FB Bias Current
Ratio
0.95
1.00
1.05
µA/µA
VID 11111x Blanking Delay
Measure time until PWRGD drives low
800
ns
VID Step Down Detect
Blanking Time
Measure from VID inputs to EAOUT
1.7
µs
VID Down BB Clamp Voltage
Percent of VDAC voltage
70
75
80
%
VID Down BB Clamp Current
3.5
6.2
12
mA
Error Amplifier
Input Offset Voltage
Connect FB to EAOUT, Measure
V(EAOUT) – V(DAC). from Table 1.
Applies to all VID codes and -0.3V ≤
VOSNS- ≤ 0.3V. Note 2
-3
4
8
mV
FB Bias Current
RROSC = 41.9kΩ
-31
-29.5
-28
µA
DC Gain
Note 1
90
100
105
dB
Gain-Bandwidth Product
Note 1
4
7
MHz
Source Current
0.4
0.6
0.8
mA
Sink Current
0.7
1.2
1.7
mA
Max Voltage
VBIAS–VEAOUT (referenced to VBIAS)
125
250
375
mV
Min Voltage
Normal operation or Fault mode
30
100
150
mV
VDRP Buffer Amplifier
Input Offset Voltage
V(VDRP) – V(IIN), 0.8V ≤ V(IIN) ≤ 5.5V
-8
0
8
mV
Input Voltage Range
0.8
5.5
V
Bandwidth (-3dB)
Note 1
1
6
MHz
Slew Rate
10
V/
µs
IIN Bias Current
-2.0
-0.75
0
µA
Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com