Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3080PBF Datasheet(PDF) 14 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IR3080PBF Datasheet HTML 10Page - International Rectifier IR3080PBF Datasheet HTML 11Page - International Rectifier IR3080PBF Datasheet HTML 12Page - International Rectifier IR3080PBF Datasheet HTML 13Page - International Rectifier IR3080PBF Datasheet HTML 14Page - International Rectifier IR3080PBF Datasheet HTML 15Page - International Rectifier IR3080PBF Datasheet HTML 16Page - International Rectifier IR3080PBF Datasheet HTML 17Page - International Rectifier IR3080PBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
IR3080
PbF
Processor Pins (0 = low, 1 = high)
Processor Pins (0 = low, 1 = high)
VID4
VID3
VID2
VID1
VID0
VID5
Vout
(V)
VID4
VID3
VID2
VID1
VID0
VID5
Vout
(V)
0
1
0
1
0
0
0.8375
1
1
0
1
0
0
1.2125
0
1
0
0
1
1
0.8500
1
1
0
0
1
1
1.2250
0
1
0
0
1
0
0.8625
1
1
0
0
1
0
1.2375
0
1
0
0
0
1
0.8750
1
1
0
0
0
1
1.2500
0
1
0
0
0
0
0.8875
1
1
0
0
0
0
1.2625
0
0
1
1
1
1
0.9000
1
0
1
1
1
1
1.2750
0
0
1
1
1
0
0.9125
1
0
1
1
1
0
1.2875
0
0
1
1
0
1
0.9250
1
0
1
1
0
1
1.3000
0
0
1
1
0
0
0.9375
1
0
1
1
0
0
1.3125
0
0
1
0
1
1
0.9500
1
0
1
0
1
1
1.3250
0
0
1
0
1
0
0.9625
1
0
1
0
1
0
1.3375
0
0
1
0
0
1
0.9750
1
0
1
0
0
1
1.3500
0
0
1
0
0
0
0.9875
1
0
1
0
0
0
1.3625
0
0
0
1
1
1
1.0000
1
0
0
1
1
1
1.3750
0
0
0
1
1
0
1.0125
1
0
0
1
1
0
1.3875
0
0
0
1
0
1
1.0250
1
0
0
1
0
1
1.4000
0
0
0
1
0
0
1.0375
1
0
0
1
0
0
1.4125
0
0
0
0
1
1
1.0500
1
0
0
0
1
1
1.4250
0
0
0
0
1
0
1.0625
1
0
0
0
1
0
1.4375
0
0
0
0
0
1
1.0750
1
0
0
0
0
1
1.4500
0
0
0
0
0
0
1.0875
1
0
0
0
0
0
1.4625
1
1
1
1
1
1
OFF
4
0
1
1
1
1
1
1.4750
1
1
1
1
1
0
OFF
4
0
1
1
1
1
0
1.4875
1
1
1
1
0
1
1.1000
0
1
1
1
0
1
1.5000
1
1
1
1
0
0
1.1125
0
1
1
1
0
0
1.5125
1
1
1
0
1
1
1.1250
0
1
1
0
1
1
1.5250
1
1
1
0
1
0
1.1375
0
1
1
0
1
0
1.5375
1
1
1
0
0
1
1.1500
0
1
1
0
0
1
1.5500
1
1
1
0
0
0
1.1625
0
1
1
0
0
0
1.5625
1
1
0
1
1
1
1.1750
0
1
0
1
1
1
1.5750
1
1
0
1
1
0
1.1875
0
1
0
1
1
0
1.5875
1
1
0
1
0
1
1.2000
0
1
0
1
0
1
1.6000
Note: 3. Output disabled (Fault mode)
Table 1 - Voltage Identification (VID)
Adaptive Voltage Positioning
Adaptive voltage positioning is needed to reduce the output voltage deviations during load transients and the power
dissipation of the load when it is drawing maximum current. The circuitry related to voltage positioning is shown in
Figure 8. Resistor RFB is connected between the Error Amplifier’s inverting input pin FB and the converter’s output
voltage. An internal current source whose value is programmed by the same external resistor that programs the
oscillator frequency pumps current into the FB pin. The error amplifier forces the converter’s output voltage lower to
maintain a balance at its inputs. RFB is selected to program the desired amount of fixed offset voltage below the
DAC voltage.
The voltage at the VDRP pin is a buffered version of the share bus and represents the sum of the DAC voltage and
the average inductor current of all the phases. The VDRP pin is connected to the FB pin through the resistor RDRP.
Since the Error Amplifier will force the loop to maintain FB to be equal to the VDAC reference voltage, an additional
current will flow into the FB pin equal to (VDRP-VDAC) / RDRP. When the load current increases, the adaptive
positioning voltage increases accordingly. More current flows through the feedback resistor RFB, and makes the
output voltage lower proportional to the load current. The positioning voltage can be programmed by the resistor
RDRP so that the droop impedance produces the desired converter output impedance. The offset and slope of the
converter output impedance are referenced to and therefore independent of the VDAC voltage.
Page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com