Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3080PBF Datasheet(PDF) 34 Page - International Rectifier

Part # IR3080PBF
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080PBF Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3080PBF Datasheet HTML 30Page - International Rectifier IR3080PBF Datasheet HTML 31Page - International Rectifier IR3080PBF Datasheet HTML 32Page - International Rectifier IR3080PBF Datasheet HTML 33Page - International Rectifier IR3080PBF Datasheet HTML 34Page - International Rectifier IR3080PBF Datasheet HTML 35Page - International Rectifier IR3080PBF Datasheet HTML 36Page - International Rectifier IR3080PBF Datasheet HTML 37Page - International Rectifier IR3080PBF Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
IR3080
PbF
The over temperature setting voltage of phases 1, 2, 5, and 6 is lower than the phase delay setting voltage,
VBIAS*RAPHASEx. Pre-select RPHASE11=10kΩ,
Ω
=
−
∗
∗
−
∗
=
−
∗
−
∗
=
k
RA
V
R
V
V
RA
R
PHASEx
BIAS
PHASEx
HOTSET
BIAS
PHASEx
PHASEx
1
.
12
)
665
.
0
1
(
8
.
6
10
*
10
)
79
.
1
8
.
6
665
.
0
(
)
1
(
*
)
(
3
1
2
Ω
=
−
∗
=
−
∗
=
k
RA
V
R
V
R
PHASEx
BIAS
PHASEx
HOTSET
PHASEx
87
.
7
)
665
.
0
1
(
*
8
.
6
10
*
1
.
12
79
.
1
)
1
(
*
3
1
3
RPHASE21=10kΩ, RPHASE22=2.94kΩ, RPHASE23=4.64kΩ
RPHASE51=10kΩ, RPHASE52=2.32kΩ, RPHASE53=4.42kΩ
RPHASE61=10kΩ, RPHASE62=8.25kΩ, RPHASE63=6.49kΩ
The over temperature setting voltage of Phases 3 and 4 is higher than the phase delay setting voltage,
VBIAS*RAPHASEx. Pre-select RPHASEX1=10kΩ,
Ω
=
−
∗
∗
−
=
−
∗
∗
−
=
887
79
.
1
8
.
6
10
*
10
)
8
.
6
198
.
0
79
.
1
(
)
(
3
31
3
32
HOTSET
BIAS
PHASE
BIAS
PHASE
HOTSET
PHASE
V
V
R
V
RA
V
R
Ω
=
−
∗
∗
=
−
∗
=
k
V
V
R
V
RA
R
HOTSET
BIAS
PHASE
BIAS
PHASE
PHASE
67
.
2
79
.
1
8
.
6
10
*
10
8
.
6
198
.
0
*
3
31
3
33
RPHASE41=10kΩ, RPHASE42=768Ω, RPHASE43=2.80kΩ
Bootstrap Capacitor CBST
Choose CBST=0.1uF
Decoupling Capacitors for Phase IC and Power Stage
Choose CVCC=0.1uF, CVCCL=0.1uF
VOLTAGE LOOP COMPENSATION
Type III compensation is used for the converter with only ceramic output capacitors. The crossover frequency and
phase margin of the voltage loop can be estimated as follows.
kHz
R
R
G
C
R
f
LE
FB
CS
E
DRP
C
146
)
6
/
10
*
5
.
0
(
162
34
)
10
*
22
62
(
2
576
2
3
6
1
=
∗
∗
∗
∗
∗
=
∗
∗
∗
∗
=
−
−
π
π
°
=
∗
−
=
63
180
)
5
.
0
tan(
90
1
π
θ
A
C
Choose
Ω
=
∗
=
∗
=
110
162
3
2
3
2
1
FB
FB
R
R
Choose the desired crossover frequency fc (=140kHz) around fc1 estimated above, and calculate
nF
R
f
C
FB
C
FB
2
.
5
110
10
*
140
4
1
4
1
3
1
=
∗
∗
=
∗
∗
=
π
π
, Choose CFB=5.6nF
nF
R
C
R
R
C
DRP
FB
FB
FB
DRP
7
.
2
576
10
*
6
.
5
)
110
162
(
)
(
9
1
=
∗
+
=
∗
+
=
−
Page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com