Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1048EY Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1048EY
Description  Full Bridge CCFL Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1048EY Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1048EY Datasheet HTML 2Page - Monolithic Power Systems MP1048EY Datasheet HTML 3Page - Monolithic Power Systems MP1048EY Datasheet HTML 4Page - Monolithic Power Systems MP1048EY Datasheet HTML 5Page - Monolithic Power Systems MP1048EY Datasheet HTML 6Page - Monolithic Power Systems MP1048EY Datasheet HTML 7Page - Monolithic Power Systems MP1048EY Datasheet HTML 8Page - Monolithic Power Systems MP1048EY Datasheet HTML 9Page - Monolithic Power Systems MP1048EY Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP1048 – FULL BRIDGE CCFL CONTROLLER
MP1048 Rev. 0.9
www.MonolithicPower.com
6
9/24/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
OPERATION
FAULT
MANAGEMENT
ERROR
AMP
LAMP
CLOCK
VPS
VCCR
R8
RLI
1.2V
R2
C2
C1
R3
R4
R6
C4
R1
1.2V
1
3
6
2
12
4
7
8
10
9
13
11
5
SI
LV
FT
LI
LI
ABRT
COMP
LCS
LCC
BRS
BRC
EN
DBRT
AG
BURST
RATE
GENERATOR
BURST
PWM
LEVEL
SHIFT
LEVEL
SHIFT
C3
R7
C7
C10
C12
R9
VPS
VPS
SI LV
LI
C8
C11
C13
C14
C9
22
24
23
25
27
28
26
15
17
16
18
20
21
19
PRL
UGL
BTL
OUTL
LGL
PGL
VCCL
PRR
UGR
BTR
OUTR
LGR
PGR
VCCR
Figure 1—Functional Block Diagram
DESIGN INFORMATION
The MP1048 is a fixed operating frequency
inverter controller specifically designed to drive
up to 6 cold cathode fluorescent lamps (CCFLs)
used as a backlight for liquid crystal displays.
Designed to run off 10V to 22V input supplies,
the MP1048 can drive up to 6 lamps via four (4)
external N-Channel MOSFETs. Its full bridge
architecture converts unregulated DC input
voltages to the nearly pure sine waves required
to ignite and operate CCFLs. The operating
frequency is set by an external resistor to
minimize the possibility of interference with the
refresh rate of the display.
To ensure ignition of the lamp, the operating
frequency is swept temporarily to the unloaded
resonant frequency of the tank. Regulated lamp
current
and
maximum
peak
transformer
secondary current are set by external resistors.
Regulated open lamp voltage is set by an
external capacitive voltage divider. Soft startup
of the lamp minimizes the peak transformer
secondary voltage. The MP1048 implements
burst mode dimming of the lamp and features
soft-on/soft-off control of the lamp current
envelope that is virtually independent of supply
voltage.
Burst repetition rate and duty cycle can either
be determined by driving the MP1048 with an
external logic signal or by choosing an external
resistor and capacitor to set the burst rate and
modulating the duty cycle with a DC control
voltage on DBRT.
Loop gain is compensated for variations in
supply voltage and the full-wave lamp current
sense amplifier provides superior output pulse
symmetry, loop response time and phase
margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com