Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1048EY Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1048EY
Description  Full Bridge CCFL Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1048EY Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1048EY Datasheet HTML 1Page - Monolithic Power Systems MP1048EY Datasheet HTML 2Page - Monolithic Power Systems MP1048EY Datasheet HTML 3Page - Monolithic Power Systems MP1048EY Datasheet HTML 4Page - Monolithic Power Systems MP1048EY Datasheet HTML 5Page - Monolithic Power Systems MP1048EY Datasheet HTML 6Page - Monolithic Power Systems MP1048EY Datasheet HTML 7Page - Monolithic Power Systems MP1048EY Datasheet HTML 8Page - Monolithic Power Systems MP1048EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP1048
Full Bridge
CCFL Controller
MP1048 Rev. 0.9
www.MonolithicPower.com
1
9/24/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1048 is a fixed operating frequency
inverter controller that controls four external
N-Channel power MOSFETs in a full-bridge
configuration. The inverter is designed to power
up to 6 cold cathode fluorescent lamps (CCFLs)
to backlight liquid crystal displays. Its full-bridge
architecture converts unregulated DC input
voltages to the nearly pure sine waves required
to ignite and operate CCFLs.
For reliable lamp ignition, the operating
frequency is set by an external resistor and
during startup is temporarily swept toward the
unloaded resonant frequency of the tank. Burst
mode or analog mode dimming are controlled
with an external analog signal. Built-in fault
management features include an open lamp
regulator, a transformer secondary peak current
regulator and a dual-mode fault timer. The
secondary
over-current
timeout
can
be
shortened with external components. The
MP1048 is available in TSSOP28 and SOIC28
packages.
FEATURES
• Capable of Driving up to 6 Lamps
• Controls Four External, Low Cost, N-Channel
MOSFETs
• Fixed Operating Frequency
• Input Voltage Range of 10V to 22V
• Lamp Current and Voltage Regulation
• Full-Wave Sense Amp
• Analog and Burst Mode Dimming Control
• Integrated Burst Mode Oscillator and Modulator
• Soft-On and Soft-Off Burst Envelope
• Open Lamp Protection
• Secondary Over-Current Protection
• Dual-Mode Fault Timer
• Available in TSSOP28 and SOIC28 Packages
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Monitors
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
The MP1048 is covered by US Patents 6,683,422, 6,316,881, and 6,114,814.
Other Patents Pending.
TYPICAL APPLICATION
SI
LI
LV
COMP
AG
FT
LCS
LCC
BRC
BRS
DBRT
ABRT
EN
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PGL
LGL
VCCL
OUTL
UGL
BTL
PRL
PGR
LGR
VCCR
OUTR
UGR
BTR
PRR
GND
VPS
DBRT
ABRT
EN


Similar Part No. - MP1048EY

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP104 MCC-MP104 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
ADL Embedded Solutions
MP104-DIN ADL-MP104-DIN Datasheet
216Kb / 3P
Enclosure, module and screw terminal board
MP104-DIN ADL-MP104-DIN Datasheet
815Kb / 3P
Enclosure, module and screw terminal board
MP104-DIN ADL-MP104-DIN Datasheet
596Kb / 3P
Enclosure, module and screw terminal board
logo
Laird Tech Smart Techno...
MP1040-100 LSTD-MP1040-100 Datasheet
76Kb / 1P
cosmetic specification refer to wl-qa-038
More results

Similar Description - MP1048EY

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
Full Bridge Resonant CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
Full Bridge CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
TM Full Bridge Resonant CCFL Controller
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
TM Full Bridge Resonant CCFL Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com