Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7018B Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SFH7018B
Description  The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7018B Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SFH7018B Datasheet HTML 7Page - OSRAM GmbH SFH7018B Datasheet HTML 8Page - OSRAM GmbH SFH7018B Datasheet HTML 9Page - OSRAM GmbH SFH7018B Datasheet HTML 10Page - OSRAM GmbH SFH7018B Datasheet HTML 11Page - OSRAM GmbH SFH7018B Datasheet HTML 12Page - OSRAM GmbH SFH7018B Datasheet HTML 13Page - OSRAM GmbH SFH7018B Datasheet HTML 14Page - OSRAM GmbH SFH7018B Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SFH 7018B
DATASHEET
DATASHEET
11 | Version 1.0 | 2023-11-09
Relative Total Radiant Flux 8)
● true green: Φ
rel = f(TS); IF = 20mA; tp = 20ms
-40 -20 0 20 40 60 80 100 120
[ ]
0.0
0.2
0.4
0.6
0.8
1.0
Φ
Φ
Relative Total Radiant Flux 8)
● hyper red: Φ
rel = f(TS); IF = 20mA; tp = 20ms
-40 -20 0 20 40 60 80 100 120
[ ]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φ
Φ
Centroid Wavelength 8)
● true green: λ
centroid = f(TS); IF = 20mA; tp = 20ms
-40 -20 0 20 40 60 80 100120
[ ]
-1
0
1
2
3
∆λ
[ ]
Centroid Wavelength 8)
● hyper red: λ
centroid = f(TS); IF = 20mA; tp = 20ms
-40 -20 0 20 40 60 80 100120
[ ]
-10
0
10
∆λ
[ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com