Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7018B Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SFH7018B
Description  The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7018B Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SFH7018B Datasheet HTML 8Page - OSRAM GmbH SFH7018B Datasheet HTML 9Page - OSRAM GmbH SFH7018B Datasheet HTML 10Page - OSRAM GmbH SFH7018B Datasheet HTML 11Page - OSRAM GmbH SFH7018B Datasheet HTML 12Page - OSRAM GmbH SFH7018B Datasheet HTML 13Page - OSRAM GmbH SFH7018B Datasheet HTML 14Page - OSRAM GmbH SFH7018B Datasheet HTML 15Page - OSRAM GmbH SFH7018B Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SFH 7018B
DATASHEET
DATASHEET
12 | Version 1.0 | 2023-11-09
Max. Permissible Forward Current
● true green: I
F = f (TS); Rthjs = 69 K / W
0
20
40
60
80
[ ]
0
50
100
150
200
[
]
Max. Permissible Forward Current
● hyper red: I
F = f (TS); Rthjs = 54 K / W
0
20
40
60
80
[ ]
0
10
20
30
40
[
]
Max. Permissible Forward Current
● infrared (940 nm): I
F = f (TS); Rthjs = 62 K / W
0
20
40
60
80
[ ]
0
20
40
60
80
[
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com