Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7018B Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7018B
Description  The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7018B Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7018B Datasheet HTML 1Page - OSRAM GmbH SFH7018B Datasheet HTML 2Page - OSRAM GmbH SFH7018B Datasheet HTML 3Page - OSRAM GmbH SFH7018B Datasheet HTML 4Page - OSRAM GmbH SFH7018B Datasheet HTML 5Page - OSRAM GmbH SFH7018B Datasheet HTML 6Page - OSRAM GmbH SFH7018B Datasheet HTML 7Page - OSRAM GmbH SFH7018B Datasheet HTML 8Page - OSRAM GmbH SFH7018B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SFH 7018B
DATASHEET
DATASHEET
5 | Version 1.0 | 2023-11-09
Characteristics
I
F = 20 mA; tp = 20 ms; TS = 25 °C
Parameter
Symbol
Values
Values
Values
● true green
● hyper red
● infrared
(940 nm)
Peak wavelength
λ
peak
typ.
526.0 nm
660.0 nm
950.0 nm
Centroid wavelength 4)
λ
centroid
min.
typ.
max.
520.0 nm
530.0 nm
540.0 nm
652.5 nm
655.0 nm
657.5 nm
930.0 nm
940.0 nm
950.0 nm
Spectral bandwidth at 50% I
rel,max
(FWHM)
∆λ
typ.
27.0 nm
23.0 nm
41.0 nm
Half angle
φ
typ.
60 °
60 °
60 °
Dimensions of active chip area
L x W
typ.
0.75 x 0.75
mm x mm
0.3 x 0.3
mm x mm
0.3 x 0.3
mm x mm
Rise time (10% / 90%)
I
F = 100 mA; RL = 50 Ω
t
r
typ.
59 ns
17 ns
16 ns
Fall time (10% / 90%)
I
F = 100 mA; RL = 50 Ω
t
f
typ.
59 ns
17 ns
16 ns
Forward voltage 5)
V
F
min.
typ.
max.
2.10 V
2.35 V
2.60 V
1.70 V
1.90 V
2.20 V
1.10 V
1.30 V
1.50 V
Forward voltage
I
F= 100 mA
V
F
typ.
2.70 V
Forward voltage
I
F= 200 mA
V
F
typ.
3.05 V
Forward voltage
I
F= 250 mA
V
F
typ.
3.20 V
Reverse current 3)
V
R = 5 V
I
R
typ.
max.
0.01 µA
10 µA
0.01 µA
10 µA
0.01 µA
10 µA
Radiant intensity 1)2)
I
F = 20 mA; tp = 20 ms
I
e
min.
typ.
max.
7.5 mW/sr
8.5 mW/sr
9.4 mW/sr
5.5 mW/sr
6.2 mW/sr
7.3 mW/sr
3.7 mW/sr
4.4 mW/sr
5.1 mW/sr
Total radiant flux 6)
I
F = 20 mA; tp = 20 ms
Φ
e
typ.
27 mW
20 mW
14 mW
Temperature coefficient of brightness TC
I
typ.
-0.3 % / K
Temperature coefficient of wave-
length
TC
λ
typ.
0.3 nm / K
Thermal resistance junction solder
point real 7)
R
thJS real
typ.
max.
57 K / W
69 K / W
45 K / W
54 K / W
50 K / W
62 K / W
The stated characteristic values refer to one chip, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com