Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE84C486 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCE84C486
Description  Microcontrollers for digital auto-sync and VST TV controller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCE84C486 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCE84C486 Datasheet HTML 5Page - NXP Semiconductors PCE84C486 Datasheet HTML 6Page - NXP Semiconductors PCE84C486 Datasheet HTML 7Page - NXP Semiconductors PCE84C486 Datasheet HTML 8Page - NXP Semiconductors PCE84C486 Datasheet HTML 9Page - NXP Semiconductors PCE84C486 Datasheet HTML 10Page - NXP Semiconductors PCE84C486 Datasheet HTML 11Page - NXP Semiconductors PCE84C486 Datasheet HTML 12Page - NXP Semiconductors PCE84C486 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1996 Feb 21
9
Philips Semiconductors
Objective specification
Microcontrollers for digital auto-sync and
VST TV controller applications
PCE84C486; PCE84C487
6
RESET
To initialize the microcontroller to a defined state a reset
operation is performed. A reset can be generated in three
ways:
• applying an external signal to the RESET pin
• via Power-on-reset circuitry
• by the Watchdog Timer.
6.1
External reset using the RESET pin
An active LOW signal from an external logic device will
reset the device. The signal must be maintained long
enough to allow VDD to reach its fxtal-dependent minimum
operating voltage.
6.2
Power-on-reset
A Power-on-reset can be generated using an external RC
circuit. To avoid overload of the internal diode, an external
diode should be added in parallel if CRESET ≥ 2.2 µF.
The RC circuit is shown in Fig.5.
6.3
Watchdog Timer reset
An overflow of the Watchdog Timer will cause the device
to be reset. The operation of the Watchdog Timer is
described in Chapter 12.
Fig.5 External components for RESET pin.
handbook, halfpage
V
V
PCA84C8XX
internal reset
R
C
MLC259
DD
SS
RESET
RESET
RESET
( 100 k
Ω)
6.4
Reset trip level
The RESET trip voltage level for both the PCE84C486 and
PCE84C487 is masked to 1.3 V.
6.5
Reset status
• Derivative Registers reset status; see Table 8 for details
• Program Counter 00H
• Memory Bank 0
• Register Bank 0
• Stack Pointer 00H
• All interrupts disabled
• Timer/event counter 1 stopped and cleared
• Timer pre-scaler modulo-32 (PS = 0)
• Timer flag cleared
• Serial I/O interface disabled (ESO = 0) and in slave
receiver mode
• Idle and Stop mode cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com