| Electronic Components Datasheet Search |
|
PCE84C486 Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCE84C486 Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 36 page ![]() 1996 Feb 21 18 Philips Semiconductors Objective specification Microcontrollers for digital auto-sync and VST TV controller applications PCE84C486; PCE84C487 7. For the DAC = 1100 case If COMP = 1; then the analog input voltage is still greater than Vref and therefore the digital input to the DAC needs to be increased again. Set the input to the DAC to 1110. If COMP = 0; then the analog input voltage is now less than Vref and therefore the digital input to the DAC needs to be decreased. Set the input to the DAC to 1010 8. For the DAC = 0100 case If COMP = 1; then the analog input voltage is now greater than Vref and therefore the digital input to the DAC needs to be increased. Set the input to the DAC to 0110. If COMP = 0; then the analog input voltage is still lower than Vref and therefore the digital input to the DAC needs to be decreased again. Set the input to the DAC to 0010. 9. The operations detailed in 6, 7 and 8 above are repeated and each time the digital input to the DAC is changed accordingly; as dictated by the state of the COMP bit. The complete process is shown in Fig.16. Each time the DAC input is changed the number of values which the analog input can take is reduced by half. In this manner the actual analog value is honed into. The value of the analog input (VA) is determined using Equation (4): (4) As the conversion time of each compare operation is greater than 6 µs but less than 9 µs; a NOP instruction is recommended to be used in between the instructions that change the value of Vref; select the ADC channel and read the COMP bit. V A V DD 16 ---------- DAC value 1 + () × = Fig.15 Block diagram of 2 channel ADC. handbook, full pagewidth 4-BIT DAC COMPARATOR DAC3 DAC2 DAC1 DAC0 ADCE1 ADCE2 ADCS1 ADCS0 MGD263 ADC enable selection DAC value selection ENABLE SELECTOR ADC CHANNEL SELECTOR DP12/ADC2 DP11/ADC1 Vref EN DERIVATIVE PORT SELECTOR EN1 EN2 ‘MOV A, D20’ instruction to read COMP bit COMP bit Internal bus Channel selection + − |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |