Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRX-MP-1VDSL2-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SRX-MP-1VDSL2-R
Description  SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SRX-MP-1VDSL2-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SRX-MP-1VDSL2-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SRX300 Specifications
Software Specifications
Routing Protocols
• IPv4, IPv6, ISO, Connectionless Network Service (CLNS)
• Static routes
• RIP v1/v2
• OSPF/OSPF v3
• BGP with Route Reflector
• IS-IS
• Multicast: Internet Group Management Protocol (IGMP) v1/v2,
Protocol Independent Multicast (PIM) sparse mode (SM)/dense
mode (DM)/source-specific multicast (SSM), Session
Description Protocol (SDP), Distance Vector Multicast Routing
Protocol (DVMRP), Multicast Source Discovery Protocol
(MSDP), Reverse Path Forwarding (RPF)
• Encapsulation: VLAN, Point-to-Point Protocol (PPP), Frame
Relay, High-Level Data Link Control (HDLC), serial, Multilink
Point-to-Point Protocol (MLPPP), Multilink Frame Relay
(MLFR), and Point-to-Point Protocol over Ethernet (PPPoE)
• Virtual routers
• Policy-based routing, source-based routing
• Equal-cost multipath (ECMP)
QoS Features
• Support for 802.1p, DiffServ code point (DSCP), EXP
• Classification based on VLAN, data-link connection identifier
(DLCI), interface, bundles, or multifield filters
• Marking, policing, and shaping
• Classification and scheduling
• Weighted random early detection (WRED)
• Guaranteed and maximum bandwidth
• Ingress traffic policing
• Virtual channels
• Hierarchical shaping and policing
Switching Features
• ASIC-based Layer 2 Forwarding
• MAC address learning
• VLAN addressing and integrated routing and bridging (IRB)
support
• Link aggregation and LACP
• LLDP and LLDP-MED
• STP, RSTP, MSTP
• MVRP
• 802.1X authentication
Firewall Services
• Stateful and stateless firewall
• Zone-based firewall
• Screens and distributed denial of service (DDoS) protection
• Protection from protocol and traffic anomaly
• Integration with Pulse Unified Access Control (UAC)
• Integration with Aruba Clear Pass Policy Manager
• User role-based firewall
• SSL Inspection (Forward-proxy)
Network Address Translation (NAT)
• Source NAT with Port Address Translation (PAT)
• Bidirectional 1:1 static NAT
• Destination NAT with PAT
• Persistent NAT
• IPv6 address translation
VPN Features
• Tunnels: Site-to-Site, Hub and Spoke, Dynamic Endpoint,
AutoVPN, ADVPN, Group VPN (IPv4/ IPv6/ Dual Stack)
• Juniper Secure Connect: Remote access / SSL VPN
• Configuration payload: Yes
• IKE Encryption algorithms: Prime, DES-CBC, 3DES-CBC, AEC-
CBC, AES-GCM, SuiteB
• IKE authentication algorithms: MD5, SHA-1, SHA-128,
SHA-256, SHA-384
• Authentication: Pre-shared key and public key infrastructure
(PKI) (X.509)
• IPsec (Internet Protocol Security): Authentication Header
(AH) / Encapsulating Security Payload (ESP) protocol
• IPsec Authentication Algorithms: hmac-md5, hmac-sha-196,
hmac-sha-256
• IPsec Encryption Algorithms: Prime, DES-CBC, 3DES-CBC,
AEC-CBC, AES-GCM, SuiteB
• Perfect forward secrecy, anti-reply
• Internet Key Exchange: IKEv1, IKEv2
• Monitoring: Standard-based dead peer detection (DPD)
support, VPN monitoring
• VPNs GRE, IP-in-IP, and MPLS
SRX300 Line of Firewalls for the Branch Datasheet
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com