Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRX-MP-1VDSL2-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SRX-MP-1VDSL2-R
Description  SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SRX-MP-1VDSL2-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SRX-MP-1VDSL2-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 9Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 10Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WAN and Wi-Fi Interface Support Matrix
WAN and Wi-Fi Interface
SRX300
SRX320
SRX340
SRX345
SRX380
1 port T1/E1 MPIM (SRX-MP-1T1E1-R)
No
Yes
Yes
Yes
Yes
1 port VDSL2 Annex A/M MPIM (SRX-MP-1VDSL2-R)
No
Yes
Yes
Yes
Yes
4G / LTE MPIM (SRX-MP-LTE-AA and SRX-MP-LTE-AE)
No
Yes
Yes
Yes
Yes
802.11ac Wave 2 Wi-Fi MPIM
No
Yes
Yes
Yes
Yes
WAN and Wi-Fi Interface Module Performance Data
Interface Module
Description
Performance
4G/LTE
Dual SIM 4G/LTE-A CAT 6
Up to 300 Mbps download and 50 Mbps upload
Wi-Fi MPIM
Dual-band 802.11 a/b/g/n/ac Wave 2 (2x2 MIMO)
Up to 866 Mbps at 5GHz / 300 Mbps at 2.4GHz
Juniper Networks Services and Support
Juniper Networks is the leader in performance-enabling services
that are designed to accelerate, extend, and optimize your high-
performance network. Our services allow you to maximize
operational efficiency while reducing costs and minimizing risk,
achieving a faster time to value for your network. Juniper Networks
ensures operational excellence by optimizing the network to
maintain required levels of performance, reliability, and availability.
For more details, please visit https://www.juniper.net/us/en/
products.html.
Ordering Information
To order Juniper Networks SRX Series Firewalls, and to access
software licensing information, please visit the How to Buy page
at https://www.juniper.net/us/en/how-to-buy/form.html
SRXnnn-SYS-JB
Hardware
Included
Management (CLI, JWEB, SNMP, Telnet, SSH)
Included
Ethernet switching (L2 Forwarding, IRB, LACP etc)
Included
L2 Transparent, Secure Wire
Included
Routing (RIP, OSPF, BGP, Virtual router)
Included
Multicast (IGMP, PIM, SSDP, DMVRP)
Included
Packet Mode
Included
Overlay (GRE, IP-IP)
Included
Network Services (J-Flow, DHCP, QOS, BFD)
Included
Stateful Firewall, Screens, ALGs
Included
NAT (static, SNAT, DNAT)
Included
IPSec VPN (Site-to-Site VPN, Auto VPN, Group VPN)
Included
Firewall policy enforcement (UAC, Aruba CPPM)
Included
Remote Access/SSL VPN (concurrent users)11
Optional
Chassis Cluster, VRRP, ISSU/ICU
Included
Automation (Junos scripting, auto-installation)
Included
MPLS, LDP, RSVP, L3 VPN, pseudo-wires, VPLS
Included
11
Based on concurrent users; two free licenses included
Base System Model Numbers
Product
Number
Description
SRX300-SYS-JB SRX300 Firewalls include hardware (8GbE, 4G RAM, 8G Flash, power
adapter, and cable) and Junos Software Base (firewall, NAT, IPSec,
routing, MPLS, and switching). RMK not included.
SRX320-SYS-JB SRX320 Firewalls include hardware (8GbE, 2x MPIM slots, 4G RAM, 8G
Flash, power adapter and cable) and Junos Software Base (firewall, NAT,
IPSec, routing, MPLS and switching). RMK not included.
SRX320-SYS-JB-
P
SRX320 Firewalls includes hardware (8GbE, 6-port POE+, 2x MPIM slots,
4G RAM, 8G Flash, power adapter and cable) and Junos Software Base
(firewall, NAT, IPSec, routing, MPLS and switching). RMK not included.
SRX340-SYS-JB SRX340 Firewalls include hardware (16GbE, 4x MPIM slots, 4G RAM, 8G
Flash, power supply, cable and RMK) and Junos Software Base (firewall,
NAT, IPSec, routing, MPLS and switching)
SRX345-SYS-JB SRX345 Firewalls include hardware (16GbE, 4x MPIM slots, 4G RAM, 8G
Flash, power supply, cable and RMK) and Junos Software Base (firewall,
NAT, IPSec, routing, MPLS and switching)
SRX345-SYS-
JB-2AC
SRX345 Firewalls include hardware (16GbE, 4x MPIM slots, 4G RAM, 8G
Flash, dual AC power supply, cable and RMK) and Junos Software Base
(firewall, NAT, IPSec, routing, MPLS and switching)
SRX345-SYS-JB-
DC
SRX345 Firewalls include hardware (16GbE, 4x MPIM slots, 4G RAM, 8G
Flash, single DC power supply, cable and RMK) and Junos Software Base
(firewall, NAT, IPSec, routing, MPLS and switching)
SRX380-P-SYS-
JB-AC
SRX380 Firewalls include hardware (16GbE PoE+, 4x10GbE, 4x MPIM
slots, 4GB RAM, 100GB SSD, single AC power supply, cable and RMK)
and Junos Software Base (firewall, NAT, IPSec, routing, MPLS and
switching)
SRX300 Line of Firewalls for the Branch Datasheet
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com