Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRX-MP-1VDSL2-R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SRX-MP-1VDSL2-R
Description  SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SRX-MP-1VDSL2-R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SRX-MP-1VDSL2-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 9Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 10Page - List of Unclassifed Manufacturers SRX-MP-1VDSL2-R Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Specification
SRX300
SRX320
SRX340
SRX345
SRX380
Common Criteria certification
NDPP, VPNEP, FWEP,
IPSEP (based on Junos
19.2R1)
NDPP, VPNEP, FWEP, IPSEP
(based on Junos 19.2R1)
NDPP, VPNEP, FWEP,
IPSEP (based on Junos
19.2R1)
NDPP, VPNEP, FWEP, IPSEP
(based on Junos 20.4R1)
NDPP, VPNEP, FWEP, IPSEP
(based on Junos 20.4R1)
2
SRX320 with PoE+ ports available as a separate SKU: SRX320-POE.
3
SRX345 with dual AC PSU model.
4
SRX320 non PoE model.
5
SRX320-POE with 6 ports PoE+ model.
6
SRX345 with DC power supply (operating temperature as per GR-63 Issue 4 2012 test criteria).
7
As per GR63 Issue 4 (2012) test criteria.
Performance and Scale
Parameter
SRX300
SRX320
SRX340
SRX345
SRX380
Routing with packet mode (64 B packet size) in Mbps8
300
300
550
750
1700
Routing with packet mode (IMIX packet size) in Mbps8
800
800
1,600
2,300
5000
Routing with packet mode (1,518 B packet size in Mbps8
1,500
1,500
3,000
5,500
10,000
Stateful firewall (64 B packet size) in Kpps8
200
200
350
550
1700
Stateful firewall (IMIX packet size) in Mbps8
600
600
1,100
1,500
6,500
Stateful firewall (1,518 B packet size) in Mbps8
1,900
1,900
4,700
5,000
20,000
IPsec VPN (IMIX packet size) in Mbps8
116
116
239
325
1400
IPsec VPN (1,400 B packet size) in Mbps8
336
336
733
977
4,400
Application visibility and control in Mbps9
500
500
1,000
1,700
6,000
Recommended IPS in Mbps9
200
200
400
600
2,000
Next-generation firewall in Mbps11
226
226
420
430
2,500
Secure Web Access firewall in Mbps12
171
171
280
295
1,800
Route table size (RIB/FIB) (IPv4 or IPv6)
256,000/256,000
256,000/256,000
1 million/600,00010
1 million/600,00010
1 million/600,00010
Maximum concurrent sessions (IPv4 or IPv6)
64,000
64,000
256,000
375,000
380,000
Maximum security policies
1,000
1,000
2,000
4,000
4,000
Connections per second
5,000
5,000
10,000
15,000
50,000
NAT rules
1,000
1,000
2,000
2,000
3,000
MAC table size
15,000
15,000
15,000
15,000
16,000
IPsec VPN tunnels
256
256
1,024
2,048
2,048
Number of remote access/SSL VPN (concurrent) users
25
50
150
250
500
GRE tunnels
256
256
512
1,024
2,048
Maximum number of security zones
16
16
64
64
128
Maximum number of virtual routers
32
32
64
128
128
Maximum number of VLANs
1,000
1,000
2,000
3,000
3,000
AppID sessions
16,000
16,000
64,000
64,000
64,000
IPS sessions
16,000
16,000
64,000
64,000
64,000
URLF sessions
16,000
16,000
64,000
64,000
64,000
8
Throughput numbers based on UDP packets and RFC2544 test methodology.
9
Throughput numbers based on HTTP traffic with 44 KB transaction size.
10
Route scaling numbers are with enhanced route-scale features turned on.
11
Next-Generation firewall performance is measured with Firewall, Application Security and IPS enabled using 64KB transactions
12
Secure Web Access firewall performance is measured with Firewall, Application Security, IPS, SecIntel, and URL Filtering enabled using 64KB transactions
SRX300 Line of Firewalls for the Branch Datasheet
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com