Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2131 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
AO[3:0]
Decimal
Binary
ppm
10
1010
-4
11
1011
-6
12
1100
-8
13
1101
-10
14
1110
-12
15
1111
-14
Table 21. Frequency correction at 25 °C, typical...continued
[1]
Default value.
7.5 Power management functions
The PCF2131 has two power supplies:
VDD - the main power supply
VBAT - the battery backup supply
Internally, PCF2131 operates with the internal operating voltage Voper(int) which is also available as VBBS on the
battery backed output voltage pin, BBS. Depending on the condition of the main power supply and the selected
power management function, Voper(int) is either on the potential of VDD or VBAT.
Two power management functions are implemented:
Battery switch-over function - monitors the main power supply VDD and switching to VBAT in case a power fail
condition is detected (see Section 7.5.1).
Battery low detection function - monitors the status of the battery, VBAT (see Section 7.5.2).
The power management functions are controlled by the control bits PWRMNG[2:0] (see Table 22) in register
Control_3 (see Table 10):
PWRMNG[2:0]
Function
000
battery switch-over function is enabled in standard mode;
battery low detection function is enabled
001,010
battery switch-over function is enabled in standard mode;
battery low detection function is disabled
011
battery switch-over function is enabled in direct switching mode;
battery low detection function is enabled
100,101
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled
110,111
[1] [2] battery switch-over function is disabled, only one power supply (VDD);
battery low detection function is disabled
Table 22. Power management control bit description
[1]
Default value.
[2]
When the battery switch-over function is disabled, the device works only with the power supply VDD. VBAT must be put to ground and the battery low
detection function is disabled.
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
17 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com