Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2131 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 34Page - NXP Semiconductors PCF2131 Datasheet HTML 35Page - NXP Semiconductors PCF2131 Datasheet HTML 36Page - NXP Semiconductors PCF2131 Datasheet HTML 37Page - NXP Semiconductors PCF2131 Datasheet HTML 38Page - NXP Semiconductors PCF2131 Datasheet HTML 39Page - NXP Semiconductors PCF2131 Datasheet HTML 40Page - NXP Semiconductors PCF2131 Datasheet HTML 41Page - NXP Semiconductors PCF2131 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
001aag062
watchdog
timer value
WDTF
n = 1
n
MCU
INT
Counter reached 1, WDTF is logic 1, and an interrupt is generated.
Figure 16. WD_CD set logic 1: watchdog activates an interrupt when timed out
• When the watchdog timer counter reaches 1, the watchdog timer flag WDTF is set logic 1
• When a minute or second interrupt occurs, the minute/second flag MSF is set logic 1 (see Section 7.13.1).
7.11.4 Pre-defined timers: second and minute interrupt
PCF2131 has two pre-defined timers which are used to generate an interrupt either once per second or once
per minute (see Section 7.13.1). The pulse generator for the minute or second interrupt operates from an
internal 64 Hz clock. It is independent of the watchdog timer. Each of these timers can be enabled by the bits SI
(second interrupt) and MI (minute interrupt) in register Control_1.
7.11.5 Clearing flags
The flags MSF and AF can be cleared by command. To prevent one flag being overwritten while clearing
another, a logic AND is performed during the write access. A flag is cleared by writing logic 0 while a flag is not
cleared by writing logic 1. Writing logic 1 results in the flag value remaining unchanged.
Two examples are given for clearing the flags. Clearing a flag is made by a write command:
• Bits labeled with - must be written with their previous values
• Bits labeled with T have to be written with logic 0
• WDTF is read only and has to be written with logic 0
Repeatedly rewriting these bits has no influence on the functional behavior.
Bit
Register
7
6
5
4
3
2
1
0
Control_2
MSF
WDTF
T
AF
T
-
-
T
Table 60. Flag location in register Control_2
Bit
Register
7
6
5
4
3
2
1
0
Control_2
1
0
1
1
0
0
0
0
Table 61. Example values in register Control_2
The following tables show what instruction must be sent to clear the appropriate flag.
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
38 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com