Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6034TE/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6034TE/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6034TE/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6034TE/ST Datasheet HTML 6Page - Microchip Technology MCP6034TE/ST Datasheet HTML 7Page - Microchip Technology MCP6034TE/ST Datasheet HTML 8Page - Microchip Technology MCP6034TE/ST Datasheet HTML 9Page - Microchip Technology MCP6034TE/ST Datasheet HTML 10Page - Microchip Technology MCP6034TE/ST Datasheet HTML 11Page - Microchip Technology MCP6034TE/ST Datasheet HTML 12Page - Microchip Technology MCP6034TE/ST Datasheet HTML 13Page - Microchip Technology MCP6034TE/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP6031/2/3/4
DS22041A-page 10
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-25:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-26:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-27:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-28:
Small Signal Non-Inverting
Pulse Response.
FIGURE 2-29:
Small Signal Inverting Pulse
Response.
FIGURE 2-30:
Large Signal Non-Inverting
Pulse Response.
1
10
100
1000
Output Current (A)
VDD - VOH @ VDD = 1.8V
VOL - VSS @ VDD = 1.8V
VDD - VOH @ VDD = 5.5V
VOL - VSS @ VDD = 5.5V
10μ
1m
10m
100µ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 5.5V
RL = 50 kΩ
VSS - VOL
VDD - VOH
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge, VDD = 5.5V
Falling Edge, VDD = 1.8V
Rising Edge, VDD = 5.5V
Rising Edge, VDD = 1.8V
Time (100 μs/Div)
VDD = 5.5V
G = +1 V/V
VDD = 5.5V
G = -1 V/V
Time (100 μs/Div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Time (0.5 ms/div)
VDD = 5.5V
G = +1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com