Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6034TE/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6034TE/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6034TE/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6034TE/ST Datasheet HTML 9Page - Microchip Technology MCP6034TE/ST Datasheet HTML 10Page - Microchip Technology MCP6034TE/ST Datasheet HTML 11Page - Microchip Technology MCP6034TE/ST Datasheet HTML 12Page - Microchip Technology MCP6034TE/ST Datasheet HTML 13Page - Microchip Technology MCP6034TE/ST Datasheet HTML 14Page - Microchip Technology MCP6034TE/ST Datasheet HTML 15Page - Microchip Technology MCP6034TE/ST Datasheet HTML 16Page - Microchip Technology MCP6034TE/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22041A-page 13
MCP6031/2/3/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
Chip Select Input (CS)
This is a CMOS, Schmitt-trigerred input that places the
MCP6033 op amp into a low-power mode of operation.
3.4
Power Supply (VSS and VDD)
The positive power supply (VDD) is 1.8V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a local bypass capacitor (typically 0.01 µF to
0.1 µF) within 2 mm of the VDD pin. These parts can
share a bulk capacitor with analog parts (typically
2.2 µF to 10 µF) within 100 mm of the VDD pin, but it is
not required.
MCP6031
MCP6032
MCP6033
MCP6034
Symbol
Description
6
161
VOUT, VOUTA
Analog Output (op amp A)
2
222
VIN–, VINA–
Inverting Input (op amp A)
3
333
VIN+, VINA+
Non-inverting Input (op amp A)
7
874
VDD
Positive Power Supply
—5
—
5
VINB+
Non-inverting Input (op amp B)
—6
—
6
VINB–
Inverting Input (op amp B)
—7
—
7
VOUTB
Analog Output (op amp B)
——
—
8
VOUTC
Analog Output (op amp C)
——
—
9
VINC–
Inverting Input (op amp C)
——
—
10
VINC+
Non-inverting Input (op amp C)
44
4
11
VSS
Negative Power Supply
——
—
12
VIND+
Non-inverting Input (op amp D)
——
—
13
VIND–
Inverting Input (op amp D)
——
—
14
VOUTD
Analog Output (op amp D)
——
8
—
CS
Chip Select
1, 5, 8
—
1, 5
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com