Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6034TE/ST Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6034TE/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6034TE/ST Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6034TE/ST Datasheet HTML 13Page - Microchip Technology MCP6034TE/ST Datasheet HTML 14Page - Microchip Technology MCP6034TE/ST Datasheet HTML 15Page - Microchip Technology MCP6034TE/ST Datasheet HTML 16Page - Microchip Technology MCP6034TE/ST Datasheet HTML 17Page - Microchip Technology MCP6034TE/ST Datasheet HTML 18Page - Microchip Technology MCP6034TE/ST Datasheet HTML 19Page - Microchip Technology MCP6034TE/ST Datasheet HTML 20Page - Microchip Technology MCP6034TE/ST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22041A-page 17
MCP6031/2/3/4
4.9
Application Circuits
4.9.1
BATTERY CURRENT SENSING
The MCP6031/2/3/4 op amps’ Common Mode Input
Range, which goes 0.3V beyond both supply rails,
supports their use in high side and low side battery
current sensing applications. The ultra low quiescent
current (0.9 µA, typical) helps prolong battery life, and
the rail-to-rail output supports detection of low currents.
Figure 4-7 shows a high side battery current sensor
circuit. The 10
Ω resistor is sized to minimize power
losses. The battery current (IDD) through the 10Ω
resistor causes its top terminal to be more negative
than the bottom terminal. This keeps the common
mode input voltage of the op amp below VDD, which is
within its allowed range. The output of the op amp will
also be below VDD, which is within its Maximum Output
Voltage Swing specification.
FIGURE 4-7:
High Side Battery Current
Sensor.
4.9.2
PRECISION COMPARATOR
Use high gain before a comparator to improve the lat-
ter’s input offset performance. Figure 4-8 shows a gain
of 11 V/V placed before a comparator. The reference
voltage VREF can be any value between the supply
rails.
FIGURE 4-8:
Precision, Non-inverting
Comparator.
VDD
IDD
VDD
VSS
10
Ω
100 k
Ω
VSS
1M
Ω
1.8V to
5.5V
VOUT
MCP6031
IDD
VDD VOUT
–
10 V V
⁄
()
10
Ω
()
•
--------------------------------------------
=
VIN
1M
Ω
VOUT
MCP6031
100 k
Ω
MCP6541
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com