Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8593 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8593
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8593 Datasheet HTML 2Page - NXP Semiconductors PCF8593 Datasheet HTML 3Page - NXP Semiconductors PCF8593 Datasheet HTML 4Page - NXP Semiconductors PCF8593 Datasheet HTML 5Page - NXP Semiconductors PCF8593 Datasheet HTML 6Page - NXP Semiconductors PCF8593 Datasheet HTML 7Page - NXP Semiconductors PCF8593 Datasheet HTML 8Page - NXP Semiconductors PCF8593 Datasheet HTML 9Page - NXP Semiconductors PCF8593 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1997 Mar 25
6
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
Fig.3 Control/status register.
handbook, full pagewidth
memory location 00
timer flag
(50% duty factor
seconds flag if alarm
enable bit is 0)
alarm flag (50% duty factor
minutes flag if alarm
enable bit is 0)
alarm enable bit:
0
alarm disabled: flags toggle
alarm control register disabled
(memory locations 08 to 0F
can be treated as RAM)
1
enable Alarm Control register
(memory location 08 is the
Alarm Control register)
mask flag:
0
read locations 05 to 06
unmasked
1
read date and month count
directly
function mode :
00 clock mode 32.768 kHz
01 clock mode 50 Hz
10 event-counter mode
11
test modes
hold last count flag :
0 count
1 store and hold last count in
capture latches
stop counting flag :
0 count pulses
1 stop counting, reset divider
765
4
3
2
1
0
MSB
LSB
MBD810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com