Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8593 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8593
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8593 Datasheet HTML 19Page - NXP Semiconductors PCF8593 Datasheet HTML 20Page - NXP Semiconductors PCF8593 Datasheet HTML 21Page - NXP Semiconductors PCF8593 Datasheet HTML 22Page - NXP Semiconductors PCF8593 Datasheet HTML 23Page - NXP Semiconductors PCF8593 Datasheet HTML 24Page - NXP Semiconductors PCF8593 Datasheet HTML 25Page - NXP Semiconductors PCF8593 Datasheet HTML 26Page - NXP Semiconductors PCF8593 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
1997 Mar 25
23
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
14 APPLICATION INFORMATION
14.1
Quartz frequency adjustment
14.1.1
METHOD 1: FIXED OSCI CAPACITOR
By evaluating the average capacitance necessary for the
application layout a fixed capacitor can be used. The
frequency is best measured via the 1 Hz signal which can
be programmed to occur at the interrupt output (pin 7). The
frequency tolerance depends on the quartz crystal
tolerance, the capacitor tolerance and the
device-to-device tolerance (on average
±5 × 10−6).
Average deviations of
±5 minutes per year can be
achieved.
14.1.2
METHOD 2: OSCI TRIMMER
Using the alarm function (via the I2C-bus) a signal faster
than 1 Hz can be generated at the interrupt output for fast
setting of a trimmer.
Procedure:
• Power-on
• Apply RESET
• Initialization (alarm functions).
Routine:
• Set clock to time T and set alarm to time T + ∆T
• At time T + ∆T (interrupt) repeat routine.
14.1.3
METHOD 3: DIRECT OUTPUT
Direct measurement of oscillator output (accounting for
test probe capacitance).
Fig.23 Application diagram.
(1) Example Philips DLC 196 Double-Layer Capacitor family.
handbook, full pagewidth
MBD825
RESET
SCL
SDA
V SS
OSCI
OSCO
CLOCK CALENDAR
PCF8593
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
RESET
V DD
SDA
SCL
RR
V DD
(I C-bus)
2
R: pull-up resistor
R =
r
(1)
1 F
t
C BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com