Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8593 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8593
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8593 Datasheet HTML 7Page - NXP Semiconductors PCF8593 Datasheet HTML 8Page - NXP Semiconductors PCF8593 Datasheet HTML 9Page - NXP Semiconductors PCF8593 Datasheet HTML 10Page - NXP Semiconductors PCF8593 Datasheet HTML 11Page - NXP Semiconductors PCF8593 Datasheet HTML 12Page - NXP Semiconductors PCF8593 Datasheet HTML 13Page - NXP Semiconductors PCF8593 Datasheet HTML 14Page - NXP Semiconductors PCF8593 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1997 Mar 25
11
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
Fig.9 Selection of alarm weekdays.
handbook, full pagewidth
765
4321
0
MSB
LSB
MBD816
memory location 0E (alarm weekday/month)
weekday 0 enabled when set
weekday 1 enabled when set
weekday 2 enabled when set
weekday 3 enabled when set
weekday 4 enabled when set
weekday 5 enabled when set
weekday 6 enabled when set
not used
7.7
Timer
The timer (location 07) is enabled by setting the
control/status register = XX0X X1XX. The timer counts up
from 0 (or a programmed value) to 99. On overflow, the
timer resets to 0. The timer flag (LSB of control/status
register) is set on overflow of the timer. This flag must be
reset by software. The inverted value of this flag can be
transferred to the external interrupt by setting bit 3 of the
alarm control register.
Additionally, a timer alarm can be programmed by setting
the timer alarm enable (bit 6 of the alarm control register).
When the value of the timer equals a pre-programmed
value in the alarm timer register (location 0F), the alarm
flag is set (bit 1 of the control/status register). The inverted
value of the alarm flag can be transferred to the external
interrupt by enabling the alarm interrupt (bit 6 of the alarm
control register).
Resolution of the timer is programmed via the 3 LSBs of
the alarm control register (see Fig.11, Alarm and timer
Interrupt logic diagram).
7.8
Event counter mode
Event counter mode is selected by bits 4 and 5 which are
logic 1, 0 in the control/status register. The event counter
mode is used to count pulses externally applied to the
oscillator input (OSCO left open-circuit). The event counter
stores up to 6 digits of data, which are stored as
6 hexadecimal values located in locations 1, 2, and 3.
Thus, up to 1 million events may be recorded.
An event counter alarm occurs when the event counter
registers match the value programmed in locations 9, A,
and B, and the event alarm is enabled (bits 4 and 5 which
are logic 0, 1 in the alarm control register). In this event,
the alarm flag (bit 1 of the control/status register) is set.
The inverted value of this flag can be transferred to the
interrupt pin (pin 7) by setting the alarm interrupt enable in
the alarm control register. In this mode, the timer
(location 07) increments once for every one, one-hundred,
ten thousand, or 1 million events, depending on the value
programmed in bits 0,1 and 2 of the alarm control register.
In all other events, the timer functions are as in the clock
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com