Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2010 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2010
Description  CK98 100/133MHz Spread Spectrum System Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2010 Datasheet HTML 1Page - NXP Semiconductors PCK2010 Datasheet HTML 2Page - NXP Semiconductors PCK2010 Datasheet HTML 3Page - NXP Semiconductors PCK2010 Datasheet HTML 4Page - NXP Semiconductors PCK2010 Datasheet HTML 5Page - NXP Semiconductors PCK2010 Datasheet HTML 6Page - NXP Semiconductors PCK2010 Datasheet HTML 7Page - NXP Semiconductors PCK2010 Datasheet HTML 8Page - NXP Semiconductors PCK2010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Preliminary specification
PCK2010
CK98 (100/133MHz) Spread Spectrum System Clock
Generator
1999 Mar 01
5
168-pin SDR SDRAM DIMM
The PLL clock distribution device and SSTL registered drivers reduce
signal loads on the memory controller and prevent timing delays and
waveform distortions that would cause unreliable operation
AVC
PCK2509S or PCK2510S
AVC
BACK SIDE
FRONT SIDE
AVC
SW00403
FUNCTION TABLE
SEL
133/100
SEL1
SEL0
CPU
CPUDIV2
3V66
PCI
48MHz
REF
IOAPIC
NOTES
0
0
0
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
1
0
0
1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
2
0
1
0
100MHz
50MHz
66MHz
33MHz
HI-Z
14.318MHz
16.67MHz
3
0
1
1
100MHz
50MHz
66MHz
33MHz
48MHz
14.318MHz
16.67MHz
4, 7, 8
1
0
0
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
TCLK/16
5, 6
1
0
1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
2
1
1
0
133MHz
66MHz
66MHz
33MHz
HI-Z
14.318MHz
16.67MHz
3
1
1
1
133MHz
66MHz
66MHz
33MHz
48MHz
14.318MHz
16.67MHz
4, 7, 8
NOTES:
1. Required for board level ‘‘bed-of-nails” testing.
2. Used to support Intel confidential application.
3. 48MHz PLL disabled to reduce component jitter. 48MHz outputs to be held Hi-Z instead of driven to LOW state.
4. ‘‘Normal” mode of operation.
5. TCLK is a test clock over driven on the XTALIN input during test mode. TCLK mode is based on 133MHz CPU select logic.
6. Required for DC output impedance verification.
7. Frequency accuracy of 48MHz must be +167 PPM to match USB default.
8. Range of reference frequency allowed is MIN = 14.316MHz, NOMINAL = 14.31818MHz, MAX = 14.32MHz
CLOCK OUTPUT
TARGET FREQUENCY (MHz)
ACTUAL FREQUENCY (MHz)
PPM
USBCLK7
48.0
48.008
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com