Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2010 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK2010
Description  CK98 100/133MHz Spread Spectrum System Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK2010 Datasheet HTML 5Page - NXP Semiconductors PCK2010 Datasheet HTML 6Page - NXP Semiconductors PCK2010 Datasheet HTML 7Page - NXP Semiconductors PCK2010 Datasheet HTML 8Page - NXP Semiconductors PCK2010 Datasheet HTML 9Page - NXP Semiconductors PCK2010 Datasheet HTML 10Page - NXP Semiconductors PCK2010 Datasheet HTML 11Page - NXP Semiconductors PCK2010 Datasheet HTML 12Page - NXP Semiconductors PCK2010 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Preliminary specification
PCK2010
CK98 (100/133MHz) Spread Spectrum System Clock
Generator
1999 Mar 01
9
AC CHARACTERISTICS
VDD3V = 3.3V ± 5%; VDDAPIC = VDD25V = 2.5V ± 5%; fcrystal = 14.31818 MHz
CPU CLOCK OUTPUTS, CPU(0–3) (LUMP CAPACITANCE TEST LOAD = 20pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
SYMBOL
PARAMETER
133MHz MODE
100MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
THKP
CPUCLK period
7.5
8.0
10.0
10.5
ns
2, 9
THKH
CPUCLK HIGH time
1.87
n/a
3.0
n/a
ns
5, 10
THKL
CPUCLK LOW time
1.67
n/a
2.8
n/a
ns
6, 10
THRISE
CPUCLK rise time
0.4
1.6
0.4
1.6
ns
8
THFALL
CPUCLK fall time
0.4
1.6
0.4
1.6
ns
8
TJITTER
CPUCLK cycle-cycle jitter
250
250
ps
DUTY CYCLE
Output Duty Cycle
45
55
45
55
%
1
THSKW
CPUCLK pin-pin skew
175
175
ps
2
CPUDIV2 CLOCK OUTPUTS, CPUDIV2 (0–1) (LUMP CAPACITANCE TEST LOAD = 20pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
SYMBOL
PARAMETER
133MHz MODE
100MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
THKP
CPUDIV2 CLK period
15.0
16.0
20.0
21.0
ns
2, 9
THKH
CPUDIV2 CLK HIGH time
5.25
n/a
7.5
n/a
ns
5, 10
THKL
CPUDIV2 CLK LOW time
5.05
n/a
7.3
n/a
ns
6, 10
THRISE
CPUDIV2 CLK rise time
0.4
1.6
0.4
1.6
ns
8
THFALL
CPUDIV2 CLK fall time
0.4
1.6
0.4
1.6
ns
8
TJITTER
CPUDIV2 CLK cycle-cycle jitter
250
250
ps
DUTY CYCLE
CPUDIV2 CLK Duty Cycle
45
55
45
55
%
1
THSKW
CPUDIV2 CLK pin-pin skew
175
175
ps
2
PCI CLOCK OUTPUTS, PCI(0–7) (LUMP CAPACITANCE TEST LOAD = 30pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
SYMBOL
PARAMETER
133MHz MODE
100MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
THKP
PCICLK period
30.0
n/a
30.0
n/a
ns
2, 9
THKH
PCICLK HIGH time
12.0
n/a
12.0
n/a
ns
5, 10
THKL
PCICLK LOW time
12.0
n/a
12.0
n/a
ns
6, 10
THRISE
PCICLK rise time
0.5
2.0
0.5
2.0
ns
8
THFALL
PCICLK fall time
0.5
2.0
0.5
2.0
ns
8
TJITTER
PCICLK cycle-cycle jitter
500
500
ps
DUTY CYCLE
PCICLK Duty Cycle
45
55
45
55
%
1
THSKW
PCICLK pin-pin skew
500
500
ps
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com