Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2010 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK2010
Description  CK98 100/133MHz Spread Spectrum System Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK2010 Datasheet HTML 7Page - NXP Semiconductors PCK2010 Datasheet HTML 8Page - NXP Semiconductors PCK2010 Datasheet HTML 9Page - NXP Semiconductors PCK2010 Datasheet HTML 10Page - NXP Semiconductors PCK2010 Datasheet HTML 11Page - NXP Semiconductors PCK2010 Datasheet HTML 12Page - NXP Semiconductors PCK2010 Datasheet HTML 13Page - NXP Semiconductors PCK2010 Datasheet HTML 14Page - NXP Semiconductors PCK2010 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Preliminary specification
PCK2010
CK98 (100/133MHz) Spread Spectrum System Clock
Generator
1999 Mar 01
11
AC CHARACTERISTICS (Continued)
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0°C to +70°C
UNIT
NOTES
SYMBOL
PARAMETER
Measurement loads
(lumped)
Measure points
MIN
TYP
MAX
UNIT
NOTES
THPOFFSET
CPUCLK to 3V66 CLK, CPU
leads
CPU@30pF,
3V66@30pF
CPU@1.25V,
3V66@1.5V
0.0
1.5
ns
1
THPOFFSET
3V66 CLK to PCICLK, 3V66
leads
3V66@30pF,
PCI@30pF
3V66@1.5V,
PCI@1.5V
1.5
3.5
ns
1
THPOFFSET
CPUCLK to IOAPIC, CPU
leads
CPU@20pF,
IOAPIC@20pF
3CPU@1.25V,
IOAPIC@1.25V
1.5
4.0
ns
1
PCICLK to CPUCLK, CPU
leads
PCI@30pF
CPU@30pF
PCI@1.5V
CPU@1.25V
5.8
ns
CPUDIV2 to CPUCLK,
CPUDIV2 leads
CPUDIV2@20pF
CPU@30pF
CPUDIV2@
CPU@1.25V
1.6
ns
IOAPICCLK to CPUCLK,
IOAPIC leads
IOAPIC@20pF
CPU@30pF
IOAPIC@20pF
CPU@1.25V
3.7
ns
3V66 CLK to CPUCLK, 3V66
leads
3V66@30pF
CPU@30pF
3V66@1.5V
CPU@1.25V
1.7
ns
NOTES:
1. Output drivers must have monotonic rise/fall times through the specified VOL/VOH levels.
2. Period, jitter, offset and skew measured on rising edge @1.25V for 2.5V clocks and @ 1.5V for 3.3V clocks.
3. The PCICLK is the CPUCLK divided by four at CPUCLK = 133.MHz. The 3V66 CLK is internal VCO frequency divided by three at CPUCLK
= 100MHz.
4. 3V66 CLK is internal VCO frequency divided by two at CPUCLK = 133MHz. The 3V66 CLK is internal VCO frequency divided by three at
CPUCLK = 100MHz.
5. THKH is measured at 2.0V for 2.5V outputs, 2.4V for 3.3V outputs as shown in Figure 4.
6. THKL is measured at 0.4V for all outputs as shown in Figure 4.
7. The time is specified from when VDDQ achieves its nominal operating level (typical condition VDDQ = 3.3V) until the frequency output is
stable and operating within specification.
8. THRISE and THFALL are measured as a transition through the threshold region VOL = 0.4V and VOH = 2.4V (1mA) JEDEC specification.
9. The average period over any 1
µs period of time must be greater than the minimum specified period.
10. Calculated at minimum edge-rate (1V/ns) to guarantee 45/55% duty-cycle. Pulse width is required to be wider at faster edge-rate to ensure
duty-cycle specification is met.
11. Output (see Figure 3 for measure points).
PCK2010 SPREAD SPECTRUM FUNCTION TABLE
SPREAD#
SEL133/100#
SEL1
SEL0
Intel CK133
Intel CK133
Philips PCK2010
Philips
PCK2010
pin 34
pin 28
pin 33
pin 32
Function
48MHz PLL
Function
48MHz PLL
0 (active)
0 (100MHz)
0
0
3-State to
High Impedance
Inactive
3-State to
High Impedance
Inactive
0 (active)
0 (100MHz)
0
1
(Reserved)
(Reserved)
100MHz, Center
Spread
±0.5%
Active
0 (active)
0 (100MHz)
1
0
100MHz, Down
Spread – 0.5%
Inactive
100MHz, Down
Spread – 0.5%
Inactive
0 (active)
0 (100MHz)
1
1
100MHz, Down
Spread – 0.5%
Active
100MHz, Down
Spread – 0.5%
Active
0 (active)
1 (133MHz)
0
0
Test Mode
Active
Test Mode
Active
0 (active)
1 (133MHz)
0
1
(Reserved)
(Reserved)
133MHz, Center
Spread
±0.5%
Active
0 (active)
1 (133MHz)
1
0
133Mhz, Down
Spread – 0.5%
Inactive
133MHz, Down
Spread – 0.5%
Inactive
0 (active)
1 (133MHz)
1
1
133Mhz, Down
Spread – 0.5%
Active
133MHz, Down
Spread – 0.5%
Active
1 (inactive)
0 (100MHz)
0
0
3-State to
High Impedance
Inactive
3-State to
High Impedance
Inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com