Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2021 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2021
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2021 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2021 Datasheet HTML 3Page - NXP Semiconductors PCK2021 Datasheet HTML 4Page - NXP Semiconductors PCK2021 Datasheet HTML 5Page - NXP Semiconductors PCK2021 Datasheet HTML 6Page - NXP Semiconductors PCK2021 Datasheet HTML 7Page - NXP Semiconductors PCK2021 Datasheet HTML 8Page - NXP Semiconductors PCK2021 Datasheet HTML 9Page - NXP Semiconductors PCK2021 Datasheet HTML 10Page - NXP Semiconductors PCK2021 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
Product data
PCK2021
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2001 Oct 11
7
DC ELECTRICAL CHARACTERISTICS
Tamb = 0 to +70 °C
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
VDD (V)
OTHER
MIN
TYP
MAX
UNIT
VIH
HIGH level input voltage
3.135 to 3.465
2.0
VDD+0.3
V
VIL
LOW level input voltage
3.135 to 3.465
VSS–0.3
0.8
V
VOH3
3.3 V output HIGH voltage
REF, 48M
3.135 to 3.465
IOH = –1 mA
2.0
V
VOL3
3.3 V output LOW voltage
REF, 48M
3.135 to 3.465
IOH = 1 mA
0.4
V
VOHP
3.3 V output HIGH voltage
3V66/PCI
3.135 to 3.465
IOH = –1 mA
2.4
V
VOLP
3.3 V output LOW voltage
3V66/PCI
3.135 to 3.465
IOH = 1 mA
0.55
V
IO
Output HIGH current
3.135
VOUT = 1.0 V
Type 5
–33
mA
IOH
3V66/PCI
3.465
VOUT = 3.135 V
y
12 – 55
–33
mA
IO
Output HIGH current
3.135
VOUT = 1.0 V
Type 3
–29
mA
IOH
48 MHz, REF
3.465
VOUT = 3.135 V
y
20 – 60
–23
mA
IO
Output HIGH current
3 135 to 3 465
0.66 V
TypeX1
11
mA
IOH
HOST/HOST_BAR
3.135 to 3.465
0.76 V
Type X1
12.7
mA
IO
Output LOW current
3.135
VOUT = 1.95 V
Type 5
30
mA
IOL
3V66/PCI
3.465
VOUT = 0.4 V
y
12 – 55
38
mA
IO
Output LOW current
3.135
VOUT = 1.95 V
Type 3
29
mA
IOL
48 MHz, REF
3.465
VOUT = 0.4 V
y
20 – 60
27
mA
VO
HOST/HOST BAR
VSS =0V
RS = 33.2 Ω
TypeX1
005
V
VOL
HOST/HOST_BAR
VSS = 0 V
S
RP = 49.9 Ω
Type X1
0.05
V
±II
Input leakage current
3.465
0 < VIN < VDD3
–50
50
µA
±IOZ
3-State output
OFF-State current
3.465
VOUT =
VDD or GND
IO = 0
101
µA
Cin
Input pin capacitance
5
pF
Cout
Output pin capacitance
6
pF
Cxtal
Crystal input capacitance
13.5
22.5
pF
NOTE:
1. REF output limit is 100
mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com