Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2021 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2021
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2021 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2021 Datasheet HTML 1Page - NXP Semiconductors PCK2021 Datasheet HTML 2Page - NXP Semiconductors PCK2021 Datasheet HTML 3Page - NXP Semiconductors PCK2021 Datasheet HTML 4Page - NXP Semiconductors PCK2021 Datasheet HTML 5Page - NXP Semiconductors PCK2021 Datasheet HTML 6Page - NXP Semiconductors PCK2021 Datasheet HTML 7Page - NXP Semiconductors PCK2021 Datasheet HTML 8Page - NXP Semiconductors PCK2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
Product data
PCK2021
CK00 (100/133 MHz) spread spectrum
differential system clock generator
2
2001 Oct 11
853-2301 27233
FEATURES
3.3 V operation
Six differential CPU clock pairs
Two PCI clocks at 33 MHz and one 3V66 clock
Two 48 MHz clocks at 3.3 V
One 14.318 MHz reference clock
Power management control pins
Host clock jitter less than 200 ps cycle-to-cycle
Host clock skew less than 150 ps pin-to-pin
Spread Spectrum capability
Optimized frequency and spread spectrum performance
DESCRIPTION
The PCK2021 is a clock synthesizer/driver for a Pentium III
™ and
other similar processors.
The PCK2021 has six differential pair CPU current source outputs,
two 33 MHz outputs, one 3V66 output, and two 48 MHz clocks
which can be disabled on power-up, and one 3.3 V reference clock
at 14.318 MHz which can also be disabled on power-up.
The part possesses a dedicated power-down input pin for power
management control. This input is synchronized on chip, and
ensures glitch-free output transitions. In addition, the part can be
configured to disable the 48 MHz outputs for lower power operation
and an increase in the performance of the functioning outputs. The
REF and PCI outputs can also be disabled for the highest
performance of the Host outputs.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
37
38
39
40
41
42
43
44
45
46
47
48
VDDPCI
48M_0/SELA
48M_1/SELB
VSS48
3V66
VSS3V66
VDD3V66
VDDCPU
HCLK0
HCLKB0
PCI0
PCI1
VSSPCI
SEL133/100
NC
VDDA
VSSA
VDDCPU
PWRDWN
HCLK3
HCLKB3
VDDCPU
VDDCPU
13
14
15
16
17
18
31
32
33
34
35
36
HCLK1
HCLKB1
VSSCPU
HCLK2
HCLKB2
HCLK4
VSSCPU
HCLKB4
HCLK5
HCLKB5
VDDCPU
19
30
VDD
REF
20
21
22
23
24
25
26
27
28
29
SPREAD
VSSREF
XIN
XOUT
VDDREF
MULTSEL0
VSSIREF
MULTSEL1
IREF
VDDIREF
VDD48
VSS
SW00960
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
48-Pin Plastic TSSOP
0 to +70
°C
PCK2021DGG
SOT362-1
48-Pin Plastic SSOP
0 to +70
°C
PCK2021DL
SOT370-1
Intel and Pentium III are trademarks of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com