Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV8502ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADMV8502
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 32
TA = 25°C, unless otherwise noted.
Table 1. Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE (fCENTER)
90
225
MHz
BANDWIDTH (3 dB)
9
%
BANDWIDTH ADJUSTABILITY
±2
%
RESOLUTION
1
%
8 bits per filter
REJECTION (20 dB)
Low-Side
0.85 × fCENTER
GHz
High-Side
1.17 × fCENTER
GHz
RE-ENTRY FREQUENCY
>2
GHz
≤30 dB
INSERTION LOSS
3.5
dB
RETURN LOSS
20
dB
DYNAMIC PERFORMANCE
Input Compression (P0.1dB)
20
dBm
Input Third-Order Intercept (IP3)
Input power (PIN) = 5 dBm, f1 is Input Frequency 1, and f2
is Input Frequency 2
Low-Side IP3
48
dBm
f1 = 0.9 × fCENTER , f2 = 0.95 × fCENTER
High-Side IP3
51
dBm
f1 = 1.05 × fCENTER , f2 = 1.1 × fCENTER
In-Band IP3
40
dBm
f1 = fCENTER − 5 kHz, f2 = fCENTER + 5 kHz
Group Delay
60
ns
At fCENTER = 90 MHz
Amplitude Settling Time
<15
μs
To within ≤1 dB of static insertion loss
Phase Settling Time
<20
µs
To within ≤2° of static phase
Drift Rate
Amplitude
–0.01
dB/°C
At fCENTER = 146 MHz
Frequency
–50
ppm/°C
SUPPLY VOLTAGE
VSS
–2.6
–2.5
–2.4
V
VDD
+3.2
+3.3
+3.4
V
SUPPLY CURRENT (STATIC)
Static
VSS Current (ISS)
2
µA
VDD Current (IDD)
125
µA
Dynamic
IDD
fSCLK/4
mA
Where fSCLK is the SCLK toggle frequency in MHz,
for example, continuous serial peripheral interface (SPI)
writing at 10 MHz yields 2.5 mA of dynamic supply
current
LOGIC (RST, CS, SCLK, SDI, SDO, and SFL)
Logic Low
−0.3
0
+0.8
V
Logic High
+1.2
+3.3
+3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com