Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV8502ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Data Sheet
ADMV8502
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Digitally tunable, octave, band-pass tuning
►
3 dB bandwidth: 9% ± 2%
►
Rejection (20 dB): 17% away from fCENTER
►
Single chip replacement for discrete filter banks
►
Compact 10 mm × 10 mm LGA package
APPLICATIONS
►
Land mobile radios
►
Test and measurement equipment
►
Military radars and electronic warfare and electronic counter-
measures
►
Satellite communications
►
Industrial and medical equipment
GENERAL DESCRIPTION
The ADMV85021 is an RF band-pass filter that features a digitally
selectable frequency of operation. The filter center frequency (fCEN-
TER) can be adjusted from 90 MHz to 225 MHz, using an 8-bit value
(256 states) that incorporates a patented calibration technique.
The typical 3 dB bandwidth is 9% and adjustability is ±2%. Insertion
loss is typically 3.5 dB, and the 20 dB rejection is 17% away from
fCENTER, which is ideally suited for minimizing system interferers.
This tunable filter can be used as a smaller alternative to large
switched filter banks and discrete component-based tunable filters,
and the ADMV8502 provides a dynamically adjustable solution in
advanced communications applications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
1 Protected by U.S. Patent Number 11201600B1.


Similar Part No. - ADMV8502ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505-EVALZ AD-ADMV8505-EVALZ Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505ACCZ AD-ADMV8505ACCZ Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505ACCZ-R7 AD-ADMV8505ACCZ-R7 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results

Similar Description - ADMV8502ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
Low Pass Filter DC to 225 MHz
BHP-250 MINI-BHP-250 Datasheet
71Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
NHP-250 MINI-NHP-250 Datasheet
100Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
logo
Hittite Microwave Corpo...
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
Tunable Band Pass Filter
logo
Analog Devices
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
ADMV8513 AD-ADMV8513 Datasheet
1Mb / 31P
520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com