Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADMV8502ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Data Sheet
ADMV8502
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 32
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
Timing Specifications......................................... 4
Absolute Maximum Ratings...................................5
Electrostatic Discharge (ESD) Ratings...............5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Typical Performance Characteristics..................... 7
Theory of Operation.............................................10
Chip Architecture..............................................10
RF Connections................................................10
SPI Configuration............................................. 10
Mode Selection.................................................11
SPI Write Mode................................................ 11
SPI Streaming.................................................. 11
Interpolation Functions.....................................12
Interpolation Equations.....................................13
Interpolation Tables.......................................... 13
Interpolation Plots.............................................14
Interpolation Coefficient Calibration................. 14
Filter Code Read Back..................................... 15
SPI Fast Latch Mode........................................15
Chip Reset........................................................15
Applications Information...................................... 16
Interpolation Coefficients..................................16
Printed Circuit Board (PCB) Design
Guidelines...................................................... 16
Flowcharts........................................................... 17
Register Summary...............................................18
Register Details................................................... 21
Outline Dimensions............................................. 32
Ordering Guide.................................................32
Evaluation Boards............................................ 32
REVISION HISTORY
2/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com