Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIUSBH11D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDIUSBH11D
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDIUSBH11D Datasheet HTML 6Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 7Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 8Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 9Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 10Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 11Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 12Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 13Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
10
Read Last Transaction Status
Command
: 40–44h
Data
: Read 1 byte
The
Read Last Transaction Status command is followed by one data read that returns the status of the last transaction of the endpoint. This
command also resets the corresponding interrupt flag in the interrupt register, and clears the status, indicating that it was read.
This command is useful for debugging purposes. Since it keeps track of every transaction, the status information is overwritten for each new
transaction.
0
7
0
6
0
5
0
4
0
3
0
2
0
1
0
0
POWER ON VALUE
DATA RECEIVE / TRANSMIT SUCCESS
ERROR CODE (SEE TABLE 1)
SETUP PACKET
DATA 0/1 PACKET
PREVIOUS STATUS NOT READ
DATA RECEIVE / TRANSMIT SUCCESS
A ‘1’ INDICATES DATA HAS BEEN RECEIVED OR TRANSMITTED SUCCESSFULLY
ERROR CODE
SEE TABLE 1
SETUP PACKET
A ‘1’ INDICATES THE LAST RECEIVED PACKET HAD A SETUP TOKEN (THIS ALWAYS READ ‘0’ FOR IN BUFFERS.
DATA 0/1 PACKET
A ‘1’ INDICATES THAT THE LAST RECEIVED OR SENT PACKET HAD A DATA1 PID
PREVIOUS STATUS NOT READ
A ‘1’ INDICATES A SECOND EVENT OCCURRED BEFORE THE PREVIOUS STATUS WAS READ.
SV00507
Table 1.
ERROR CODE
RESULT
0000
No Error
0001
PID Encoding Error, Bits 7–4 are not the inversion of bits 3–0
0010
PID Unknown, encoding is valid, but PID does not exist
0011
Unexpected Packet, Packet is not of the type expected (= token, data or acknowledge), or SETUP token to a
non-control endpoint
0100
Token CRC Error
0101
Data CRC Error
0110
Time Out Error
0111
Babble Error
1000
Unexpected End of Packet
1001
Sent or Received NAK
1010
Sent Stall, a token was received, but the endpoint was stalled
1011
Overflow Error, the received packet was longer than the available buffer space
1101
Bitstuff Error
1111
Wrong DATA PID, the received DATA PID was not the expected one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com