| Electronic Components Datasheet Search |
|
PDIUSBH11D Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDIUSBH11D Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 26 page ![]() Philips Semiconductors Product specification PDIUSBH11 Universal Serial Bus Hub 1997 Aug 01 14 Get Port Status Command : E0h–E3h Data : Read 1 or 2 bytes The Get Port Status Command can be followed by one or two data reads. The first byte returned contains the port status. The second byte returned is the port status change byte. X 7 0 6 0 5 0 4 0 3 0 2 0 1 0 0 PORT STATUS BYTE POWER ON VALUE CONNECT ENABLED SUSPEND OVER-CURRENT RESET POWER LOW SPEED RESERVED SV00503 CONNECT A ‘1’ INDICATES THAT A DEVICE IS CONNECTED ON THIS PORT OF THE HUB ENABLED A ‘1’ INDICATES THAT THIS PORT IS ENABLED SUSPEND A ‘1’ INDICATES THAT THIS PORT IS SUSPENDED OVERCURRENT A ‘1’ INDICATES THAT OVERCURRENT CONDITION EXISTS ON THIS PORT. RESET A ‘1’ INDICATES THAT BUS RESET ON THIS PORT IS IN PROGRESS. POWER A ‘1’ INDICATES THAT POWER IS SUPPLIED TO DOWNSTREAM PORTS. LOW SPEED A ‘1’ INDICATES THAT LOW SPEED DEVICE IS CONNECTED TO THIS PORT. IN MODE 0 OF OPERATION, THIS BIT IS THE SAME FOR ALL PORTS. IN MODE 1, INDIVIDUAL PORT OVERCURRENT INDICATION IS POSSIBLE. WHEN RESET IS COMPLETED (NORMAL DURATION OF 10MS), THIS BIT INDICATES A ‘0’. SINCE THE PDIUSBH11 SUPPORTS GANG MODE POWER SWITCHING, THIS BIT IS THE SAME FOR ALL PORTS. THIS BIT IS ONLY VALID WHEN CONNECT BIT IS A ‘1’. Port Status Change Byte The description for the Port Status Change Byte is similar to the Port Status Byte except that the value of the bits are ‘1’ only when a change has occurred. X 7 X 6 X 5 0 4 0 3 0 2 0 1 0 0 POWER ON VALUE CONNECT ENABLED SUSPEND OVERCURRENT RESET RESERVED SV00510 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |