Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIUSBH12N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDIUSBH12N
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDIUSBH12N Datasheet HTML 4Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 5Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 6Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 7Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 8Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 9Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 10Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 11Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
8
Pin description (MODE 1 – Individual Overcurrent)
PIN NO
PIN SYMBOL
TYPE
DRIVE
DESCRIPTION
1
TEST1
Input
Connect to VCC for 48MHz crystal input.
Connect to Ground for 12MHz crystal input.
2
TEST2
Input
Connect to VCC
3
TEST3
Input
Connect to Ground
4
RESET_N
Input
ST
Power-on reset
5
GND
Power
Ground reference
6
XTAL1
Input
Crystal connection 1 (48 or 12MHz depending on TEST1 pin)
7
XTAL2
Output
Crystal connection 2 (48 or 12MHz depending on TEST1 pin)
8
CLKOUT
Output
3mA
Programmable output clock for external devices
9
VCC
Power
Voltage supply 3.3V
± 0.3V
10
OCURRENT2_N
Input
ST
Downstream port 2 over-current notice. This pin is also use to sense the USB
VBUS. A LOW on this pin of less than 2 seconds is interpreted as an overcurrent
notice; longer than 2 seconds is interpreted as loss of VBUS.
11
SWITCH_N
Output
OD6
Enables power to downstream ports
12
SUSPEND
Output
OD6
Device is in suspended state
13
DN2_GL_N
Output
OD6
Downstream port 2 GoodLink
™ LED indicator
14
OCURRENT3_N
Input
ST
Downstream port 3 over-current notice
15
RSVD
Input
Reserved. Connect to GND for normal operation.
16
RSVD
Input
Reserved. Connect to GND for normal operation.
17
INT_N
Output
OD6
Connect to microcontroller interrupt
18
SDA
I/O
OD6
I2C bi-directional data
19
SCL
I/O
OD6
I2C bit-clock
20
GND
Power
Ground reference
21
DN3_DP
AI/O
Downstream port 3 D+ connection
22
DN3_DM
AI/O
Downstream port 3 D– connection
23
DN2_DP
AI/O
Downstream port 2 D+ connection
24
DN2_DM
AI/O
Downstream port 2 D- connection
25
AGND
Power
Analog Ground reference
26
AVCC
Power
Analog voltage supply 3.3V
± 0.3V
27
UP_DP
AI/O
Upstream D+ connection
28
UP_DM
AI/O
Upstream D- connection
NOTE:
1. Signals ending in _N indicate active low signals.
ST: Schmitt Trigger
OD6: Open Drain with 6 mA drive
AI/O: Analog I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com