Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIUSBH12N Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PDIUSBH12N
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12N Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PDIUSBH12N Datasheet HTML 19Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 20Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 21Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 22Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 23Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 24Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 25Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 26Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
23
AC CHARACTERISTICS (I2C pins)
All timing values are valid within the operating supply voltage and ambient temperature range and reference to VIL and VIH with an input voltage
swing of VSS and VDD.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fSCL
SCL clock frequency
1000
kHz
tBUF
Bus free time
0.5
µs
tSU;STA
Start condition set-up time
0.25
µs
tHD;STA
Start condition hold time
0.25
µs
tLOW
SCL LOW time
0.45
µs
tHIGH
SCL HIGH time
0.45
µs
tr
SCL and SDA rise time
0.3
µs
tf
SCL and SDA fall time
0.1
µs
tSU;DAT
Data set-up time
100
ns
tHD;DAT
Data hold time
0
ns
tVD;DAT
SCL LOW to data out valid
0.4
µs
tSU;STO
Stop condition set-up time
0.25
µs
A detailed description of the I2C-bus specification, with applications, is given in the brochure “
The I2C-bus and how to use it”. This brochure may
be ordered using the Philips order number 9398 393 40011.
SV00756
SCL
SDA
PROTOCOL
tSU;STA
tLOW
tHIGH
1/fSCL
tBUF
tr
tf
tHD;STA
tSU;DAT
tHD;DAT
tVD:DAT
tSU;STO
BIT 0
LSB
(R/W)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
Figure 4. I2C-bus timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com