| Electronic Components Datasheet Search |
|
PDIUSBH12N Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDIUSBH12N Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 28 page ![]() Philips Semiconductors Product specification PDIUSBH12 USB 2-port hub 1999 Jul 22 11 COMMAND DESCRIPTIONS Command Procedure There are four basic types of commands: Initialization, Data, Hub Specific, and General commands. Respectively, these are used to initialize the hub and embedded function; for data flow between the hub, embedded function, and the host; some hub specific commands for controlling individual downstream ports; and some general commands. Initialization Commands Initialization commands are used during the enumeration process of the USB network. These commands are used to enable the hub and embedded function endpoints. They are also used to set the USB assigned address. Set Address / Enable Command : D0h (Hub), D1h, D2h, D3h, (Embedded Functions) Data : Write 1 byte This command is used to set the USB assigned address and enable the hub or embedded functions respectively. The hub powers up enabled and needs not be enabled by the firmware at power up initialization. 76 5 4 3 2 0 1 0 0 POWER ON VALUE ADDRESS ENABLE SV00825 00 00 00 Address The value written becomes the address. Enable A ‘1’ enables this function. Set Endpoint Enable Command : D8h Data : Write 1 byte The hub’s interrupt endpoint and the embedded functions generic endpoints can only be enabled when the corresponding hub/function is enabled via the Set Address/Enable command. SV00841 76 5 4 3 2 0 1 0 0 POWER ON VALUE EMBEDDED FUNCTION 1 GENERIC ENDPOINTS 00 XX XX RESERVED EMBEDDED FUNCTION 7 GENERIC ENDPOINTS HUB’S INTERRUPT ENDPOINT EMBEDDED FUNCTION 6 GENERIC ENDPOINTS Hub’s Interrupt Endpoint A value of ‘1’ indicates the hub’s interrupt endpoint is enabled. Embedded Function 1 Generic Endpoint A value of ‘1’ indicates the embedded function 1 generic endpoints are enabled. Embedded Function 6 Generic Endpoint A value of ‘1’ indicates the embedded function 6 generic endpoints are enabled. Embedded Function 7 Generic Endpoint A value of ‘1’ indicates the embedded function 7 generic endpoints are enabled. Set Mode Command : F3h Data : Write 2 bytes The Set Mode command is followed by two data writes. The first byte contains the configuration byte values. The second byte is the clock division factor byte. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |