Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0121 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  0121 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Type 0121
5 | 16
Visit product website 
2.
Circuit functions
Symbol
Description
2 (A)
1 (P)
Circuit function A (CF A)
2/2-way solenoid valve
Direct-acting
Normally closed
2 (B)
1 (P)
Circuit function B (CF B)
2/2-way solenoid valve
Direct-acting
Normally open
2(A)
1(P)
3(R)
12
Circuit function C (CF C)
3/2-way solenoid valve
Direct-acting
Normally closed
2(B)
1(P)
3(R)
10
Circuit function D (CF D)
3/2-way solenoid valve
Direct-acting
Normally open
2(A)
1(P1)
3(P2)
Circuit function E (CF E)
3/2-way mixing valve (solenoid valve)
4(A)
2(B)
1(P)
Circuit function F (CF F)
3/2-way distribution valve (solenoid valve)
Direct-acting
3.
Approvals and conformities
3.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
3.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
3.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
3.4. Explosion protection
Approval
Description
Optional: Explosion protection
ATEX:
EPS 16 ATEX 1 111 X
II 2 G Ex mb IIC T4 Gb
II 2 D Ex mb IIIC T130 °C Db
IECEx:
IECEx EPS 16.0049X
Ex mb IIC T4 Gb
Ex mb IIIC T130 °C Db



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com