Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0121 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Type 0121
14 | 16
Visit product website 
9.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter
9.3. Bürkert Product Enquiry Form
Bürkert Product Enquiry Form – Your enquiry quickly and compactly
Would you like to make a specific product enquiry based on your technical requirements?
Use our Product Enquiry Form for this purpose. There you will find all the relevant informa-
tion for your Bürkert contact. This will enable us to provide you with the best possible
advice.
Fill out the form now
9.4. Ordering chart
Standard version
Note:
Articles with reduced delivery time
Circuit function
Port
connection
Orifice Body or seat
material
Seal
material
Article no.
024/DC
024/50
230/50
120/60
[inch]
[mm]
[V/Hz]
[V/Hz]
[V/Hz]
[V/Hz]
With plastic or stainless steel body, manual override and cable plug (UC with silicon cable3.))
CF A 1.)
2/2-way solenoid
valve
Direct-acting
Normally closed
2 (A)
1 (P)
G ⅜
4.0
PVC
FKM
049654 
048940 
047859 
–
G ⅜
4.0
PVC
EPDM
050795 
050085 
049267 
–
G ⅜
6.0
PVC
FKM
048749 
049348 
047810 
049228 
G ⅜
6.0
PVC
EPDM
049337 
049678 
049291 
–
G ⅜
8.0
PVC
FKM
049697 3.)
052800 
052302 
–
G ⅜
8.0
PVC
EPDM
048698 3.)
050967 
050701 
450543 
G ¼
4.0
Stainless steel
FKM
055244 
056934 
052441 
–
G ¼
4.0
Stainless steel
EPDM
136290 
–
136292 
–
G ¼
6.0
Stainless steel
FKM
040482 
057086 
054595 
–
G ¼
6.0
Stainless steel
EPDM
049113 
–
–
–
G ⅜
4.0
PTFE
FFKM2.)
122632 3.)
–
077191 
457453 4.)
G ⅜
4.0
PTFE
FFKM
151733 
–
136205 
–
G ⅜
4.0
PTFE
FFKM
132098 3.)
–
–
–
CF B 1.)
2/2-way solenoid
valve
Direct-acting
Normally open
2 (B)
1 (P)
G ⅜
4.0
PVC
FKM
–
–
050158 
–
G ⅜
6.0
PVC
EPDM
135416 3.)
–
–
–
G ⅜
4.0
PTFE
FFKM
132096 3.)
–
–
–
G ⅜
6.0
PTFE
FFKM
132097 3.)
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com