Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0121 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 0121 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Type 0121
11 | 16
Visit product website 
7.
Performance specifications
7.1. Pressure range and flow rate
Standard version
Circuit function
DN
K
V value water
Pressure range 1.)
Frequency AC 2.)
(50 or 60 Hz)
Frequency DC 2.)
[m3/h]
[bar]
[bar]
A / F
2
0.1
0…6
0…3
4
0.3 3.)
0…4
0…2
6
0.6 4.)
0…2
0…1
8
1.0
0…1
0…0.8
C / D
2
0.1
0…3
0…1.5
4
0.3 3.)
0…2
0…1
6
0.6 4.)
0…1
0…0.5
8
1.0
0…0.3
0…0.3
B
2
0.1
0…6
0…3
4
0.3 3.)
0…4
0…2
6
0.6 4.)
0…2
0…1
8
1.0
0…1
0…0.5
E
2
0.1
0…3
0…1.5
4
0.3 3.)
0…2
0…1
6
0.6 4.)
0…1
0…0.5
8
1.0
0…0.2
0…0.2
1.) Pressure data: overpressure to the atmospheric pressure (deviating pressure range for 5 W version)
2.) Heat output 8 W
3.) Nominal diameter DN 4 and seal material FKM resp. FFKM K
V value reduces to 0.24 m³/h.
4.) Nominal diameter DN 6 and seal material FKM resp. FFKM K
V value reduces to 0.48 m³/h.
Explosion-proof version
Circuit function
DN
K
V value water
1.)
Pressure range 2.)
[m3/h]
[bar]
A / F
2
0.1
0…6
4
0.3 3.)
0…4
6
0.6 4.)
0…2
8
1.0
0…1
C / D
2
0.1
0…3
4
0.3 3.)
0…2
6
0.6 4.)
0…1
8
1.0
0…0.3
B
2
0.1
0…6
4
0.3 3.)
0…4
6
0.6 4.)
0…2
8
1.0
0…1
E
2
0.1
0…3
4
0.3 3.)
0…2
6
0.6 4.)
0…1
8
1.0
0…0.2
1.) Measurement at + 20 °C, 1 bar at the valve inlet and free outlet
2.) Pressure data: overpressure to the atmospheric pressure
3.) Nominal diameter DN 4 and seal material FKM resp. FFKM K
V value reduces to 0.24 m³/h.
4.) Nominal diameter DN 6 and seal material FKM resp. FFKM K
V value reduces to 0.48 m³/h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com