Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848C Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 57Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 58Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 59Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 60Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 61Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 62Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 63Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 64Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
61
www.national.com
8.0 Electrical Specifications
Note: All parameters are guaranteed by test, statistical analysis or design.
Absolute Maximum Ratings
Recommended Operating Conditions
Absolute maximum ratings are those values beyond which
the safety of the device cannot be guaranteed. They are
not meant to imply that the device should be operated at
these limits.
8.1 DC Specs
Supply Voltage (VCC)
-0.5 V to 4.2 V
DC Input Voltage (VIN)
-0.5V to VCC + 0.5V
DC Output Voltage (VOUT)
-0.5V to VCC + 0.5V
Storage Temperature (TSTG)
-65oC to 150°C
Max case temp for TA = 70°C
92 °C
Max. die temperature (Tj)
150 °C
Lead Temp. (TL)
(Soldering, 10 sec.)
260 °C
ESD Rating
(RZAP = 1.5k, CZAP = 100 pF)
4.0 kV
Supply voltage (VCC)
3.3 Volts + .3V
Commercial - Ambient Temperature (TA)
0 to 70 °C
Power Dissipation (PD)
267 mW
Thermal Characteristic
Max
Units
Theta Junction to Case (Tjc)
28.7
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0W
Note: This is done with a JEDEC (2 layer 2 oz CU.) thermal test board
83.6
°C / W
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
IIH
I
I/O
Input High Current VIN = VCC
10
µA
IIL
I
I/O
Input Low Current VIN = GND
10
µA
VOL
O,
I/O
Output Low
Voltage
IOL = 4 mA
0.4
V
VOH
O,
I/O
Output High
Voltage
IOH = -4 mA
Vcc - 0.5
V
IOZ
I/O,
O
TRI-STATE
Leakage
VOUT = VCC
+ 10
µA
VTPTD_100
PMD Output
Pair
100M Transmit
Voltage
0.95
1
1.05
V
VTPTDsym
PMD Output
Pair
100M Transmit
Voltage Symmetry
+ 2
%
VTPTD_10
PMD Output
Pair
10M Transmit
Voltage
2.2
2.5
2.8
V
CIN1
I
CMOS Input
Capacitance
5
pF
COUT1
O
CMOS Output
Capacitance
5
pF
SDTHon
PMD Input
Pair
100BASE-TX
Signal detect turn-
on threshold
1000
mV diff pk-pk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com