Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848C Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 74Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 75Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 76Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 77Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 78Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 79Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 80Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 81Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 82Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
80
www.national.com
8.2.28 Isolation Timing
8.2.29 25 MHz_OUT Timing
Note: 25 MHz_OUT characteristics are dependent upon the X1 input characteristics.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.28.1
From software clear of bit 10 in
the BMCR register to the transi-
tion from Isolate to Normal Mode
100
µs
T2.28.2
From Deassertion of S/W or H/W
Reset to transition from Isolate to
Normal mode
500
µs
Parameter
Description
Notes
Min
Typ
Max
Units
T2.29.1
25 MHz_OUT High/Low Time
MII mode
20
ns
RMII mode
10
ns
T2.29.2
25 MHz_OUT propagation delay
Relative to X1
8
ns
Clear bit 10 of BMCR
(return to normal operation
from Isolate mode)
H/W or S/W Reset
(with PHYAD = 00000)
MODE
ISOLATE
NORMAL
T2.28.2
T2.28.1
X1
T2.29.2
25 MHz_OUT
T2.29.1
T2.29.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com