Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25835 Datasheet(PDF) 2 Page - EPCOS

Part # B25835
Description  MKV AC capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25835 Datasheet(HTML) 2 Page - EPCOS

  B25835 Datasheet HTML 1Page - EPCOS B25835 Datasheet HTML 2Page - EPCOS B25835 Datasheet HTML 3Page - EPCOS B25835 Datasheet HTML 4Page - EPCOS B25835 Datasheet HTML 5Page - EPCOS B25835 Datasheet HTML 6Page - EPCOS B25835 Datasheet HTML 7Page - EPCOS B25835 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Please read
Cautions and warnings and
2
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping
B25835
Features
■
High dielectric strength
■
High peak-current capability
Applications
■
Especially suitable for snubber circuits
Construction
■
Self-healing
■
Plastic dielectric
■
Oil-impregnated tubular windings (no PCB)
■
Metal-sprayed end faces ensure reliable contacting
■
Cylindrical aluminum case
■
1-pole version, ceramic lead-through
■
Mounting bolts M8 or M12
Terminals
■
Tab connector 6.3 mm
Mounting
■
If the vibration stress is
≤ 5 g the bolt is used for mounting.
Grounding
■
1-pole capacitors need not be grounded.
Individual data sheets
Individual data sheets contain detailed specification incl. thermal data.
Upon request, these data sheets are available for each capacitor type.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com