Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25835 Datasheet(PDF) 3 Page - EPCOS

Part # B25835
Description  MKV AC capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25835 Datasheet(HTML) 3 Page - EPCOS

  B25835 Datasheet HTML 1Page - EPCOS B25835 Datasheet HTML 2Page - EPCOS B25835 Datasheet HTML 3Page - EPCOS B25835 Datasheet HTML 4Page - EPCOS B25835 Datasheet HTML 5Page - EPCOS B25835 Datasheet HTML 6Page - EPCOS B25835 Datasheet HTML 7Page - EPCOS B25835 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Please read
Cautions and warnings and
3
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping
B25835
Technical data
Standards
IEC 1071-1/2
EN 61071-1/2
VDE 0560 part 120 and 121
Dielectric dissipation factor
tan
δ0
2 · 10–4
Capacitance tolerance
± 10%
Max. repetitive rate
of voltage rise
(dv/dt)max
Max. non-repetitive rate
of voltage rise
(dv/dt)s
Climatic data:
Min. operating temperature
Tmin
– 25
°C
Max. operating temperature
Tmax
+ 85
°C
Average relative humidity
≤ 95%
Failure quota
αFQ(co)
300 failures per 109 component hours
Load duration
tLD(co)
100 000 h
Storage temperature limit
Tstg
– 55/+ 85
°C
IEC climatic category
(IEC 68-1 and 2)
25/085/56
Test data:
AC test voltage between terminals VTT
1.25 x VR, 50 Hz, 10 s (or DC 1.75 x VR, 10 s)
Insulation resistance
Rins
CR ≤ 1 μF: ≥ 10 000 MΩ
Self-discharge time constant
τ =Rins x C CR >1 μF: ≥ 10 000 s
Dissipation factor (50 Hz)
tan
δ≤ 3 . 10–4
î
C
----
IS
C
----



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com