Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25835 Datasheet(PDF) 4 Page - EPCOS

Part # B25835
Description  MKV AC capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25835 Datasheet(HTML) 4 Page - EPCOS

  B25835 Datasheet HTML 1Page - EPCOS B25835 Datasheet HTML 2Page - EPCOS B25835 Datasheet HTML 3Page - EPCOS B25835 Datasheet HTML 4Page - EPCOS B25835 Datasheet HTML 5Page - EPCOS B25835 Datasheet HTML 6Page - EPCOS B25835 Datasheet HTML 7Page - EPCOS B25835 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Please read
Cautions and warnings and
4
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping
B25835
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20
°C
m
Ω
Lself
nH
Dimensions
d
× l
mm
Fig. Appr.
weight
g
Ordering code
VR = AC 900 V
= 1100 V
vs = 1500 V
VTT = AC 1150 V, 10 s
0.22
10
90
220
15.0
110 25
× 57
1
40
B25835M6224K007
0.33
10
130
330
11.0
110 25
× 57
1
40
B25835M6334K007
0.47
10
100
250
19.0
110 25
× 57
1
40
B25835M6474K007
0.68
18
150
370
14.0
110 30
× 57
1
50
B25835M6684K007
1.00
18
220
550
10.0
110 30
× 57
1
50
B25835M6105K007
2.20
18
480
1200
6.6
110 45
× 57
1
110
B25835M6225K007
4.70
18
1000
2500
4.6
110 60
× 57
1
190
B25835M6475K007
VR = AC 1400 V
= 1800 V
vs = 2400 V
VTT = AC 1800 V, 10 s
0.10
10
150
380
20.0
110 25
× 57
2
40
B25835M0104K007
0.22
10
220
550
18.0
140 25
× 70
1
50
B25835M0224K007
0.33
10
200
500
27.0
190 25
× 95
1
60
B25835M0334K007
0.47
18
280
700
20.0
190 30
× 95
1
90
B25835M0474K007
0.68
18
400
1000
15.0
190 30
× 95
1
90
B25835M0684K007
1.00
18
600
1500
12.0
190 35
× 95
1
110
B25835M0105K007
2.20
18
1300
3300
7.6
190 50
× 95
1
220
B25835M0225K007
VR = AC 1700 V
= 2100 V
vs = 2900 V
VTT = AC 2100 V, 10 s
0.10
10
200
500
16.0
110 25
× 57
2
40
B25835M7104K007
0.22
10
300
750
15.0
140 25
× 70
1
50
B25835M7224K007
0.47
18
660
1600
8.4
140 35
× 70
1
90
B25835M7474K007
1) Other capacitance values upon request
vˆ
vˆ
vˆ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com